データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5817 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 1N5817
部品情報  1.0 Ampere Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5817 データシート(HTML) 2 Page - Fairchild Semiconductor

  1N5817 Datasheet HTML 1Page - Fairchild Semiconductor 1N5817 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
0
20
40
60
80
100
120
140
0
0.25
0.5
0.75
1
LEAD TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.5 mm LEAD
LENGTHS
Junction Capacitance
0.1
0.5
1
5
10
40 60 100
10
20
40
60
80
100
200
400
REVERSE VOLTAGE (V)
T = 25 C
º
J
Non-Repetitive Surge Current
12
5
10
20
50
100
0
5
10
15
20
25
30
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
Forward Characteristics
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0.1
1
10
20
FORWARD VOLTAGE (V)
1N5817
1N5818
1N5819
T = 25 C
Pulse Width = 300
µS
1% Duty Cycle
º
J


同様の部品番号 - 1N5817

メーカー部品番号データシート部品情報
logo
Stanson Technology
1N5817 STANSON-1N5817 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
1N5817 ETC2-1N5817 Datasheet
63Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
1N5817 YIXIN-1N5817 Datasheet
253Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Vishay Siliconix
1N5817 VISHAY-1N5817 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
More results

同様の説明 - 1N5817

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
1N5819 FAIRCHILD-1N5819 Datasheet
109Kb / 3P
   1.0 Ampere Schottky Barrier Rectifiers
MBRS130L FAIRCHILD-MBRS130L Datasheet
37Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
   1.0 Ampere Schottky Power Rectifiers
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
1S2 PANJIT-1S2 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
SB120S PANJIT-SB120S Datasheet
46Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
1N5817 SURGE-1N5817 Datasheet
66Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere?
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com