データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

2N3391 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 2N3391
部品情報  NPN General Purpose Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N3391 データシート(HTML) 1 Page - Fairchild Semiconductor

  2N3391 Datasheet HTML 1Page - Fairchild Semiconductor 2N3391 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discrete POWER & Signal
Technologies
NPN General Purpose Amplifier
2N3390
2N3391
2N3391A
2N3392
2N3393
This device is designed for use as general purpose amplifiers
and switches requiring collector currents to 300 mA. Sourced
from Process 10. See PN100A for characteristics.
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
25
V
VCBO
Collector-Base Voltage
25
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Symbol
Characteristic
Max
Units
2N3390 / 3391/A / 3392 / 3393
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
°C/W
B
C
E
TO-92
© 1997 Fairchild Semiconductor Corporation
3390-93, Rev B


同様の部品番号 - 2N3391

メーカー部品番号データシート部品情報
Fairchild Semiconductor
Fairchild Semiconductor
2N3391 FAIRCHILD-2N3391 Datasheet
297Kb / 7P
   NPN General Purpose Amplifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
2N3391 NJSEMI-2N3391 Datasheet
110Kb / 2P
   NPN SILICON TRANSISTORS
2N3391 NJSEMI-2N3391 Datasheet
70Kb / 2P
   NPN General Purpose Amplifier
Central Semiconductor Corp
Central Semiconductor C...
2N3391A CENTRAL-2N3391A Datasheet
56Kb / 1P
   Small Signal Transistors
Fairchild Semiconductor
Fairchild Semiconductor
2N3391A FAIRCHILD-2N3391A Datasheet
297Kb / 7P
   NPN General Purpose Amplifier
More results

同様の説明 - 2N3391

メーカー部品番号データシート部品情報
Fairchild Semiconductor
Fairchild Semiconductor
2N3390 FAIRCHILD-2N3390_01 Datasheet
297Kb / 7P
   NPN General Purpose Amplifier
2N3415 FAIRCHILD-2N3415_01 Datasheet
34Kb / 3P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124_01 Datasheet
97Kb / 7P
   NPN General Purpose Amplifier
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
PN930 FAIRCHILD-PN930_02 Datasheet
30Kb / 4P
   NPN General Purpose Amplifier
PN2222A FAIRCHILD-PN2222A_04 Datasheet
212Kb / 8P
   NPN General Purpose Amplifier
PN4141 FAIRCHILD-PN4141_02 Datasheet
29Kb / 4P
   NPN General Purpose Amplifier
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
BC817-16 BILIN-BC817-16 Datasheet
171Kb / 4P
   NPN General Purpose Amplifier
MMBT2369 BILIN-MMBT2369 Datasheet
155Kb / 2P
   NPN General Purpose Amplifier
MMBT5550 BILIN-MMBT5550 Datasheet
200Kb / 4P
   NPN General Purpose Amplifier
Fairchild Semiconductor
Fairchild Semiconductor
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
More results


Html Pages

1  2 


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com