データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSHCRE-2-S データシート(PDF) 1 Page - Major League Electronics

部品番号 TSHCRE-2-S
部品情報  .079cl Single Row - Custom - Elevated Terminal Strip Headers - Right Angle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAJOR-LEAGUE [Major League Electronics]
ホームページ  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

TSHCRE-2-S データシート(HTML) 1 Page - Major League Electronics

  TSHCRE-2-S Datasheet HTML 1Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mates with:
BCSS,
BSSH,
BSSHC,
BSSQ,
BSSQC,
BSSQM,
LSMBC,
LSSHSM,
SMBC,
SSHQ,
SSHQR,
SSHR,
SSHS,
SSHSM,
ULSMBC
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Specifications
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 500V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 10 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Row Specification
S = Single Row
Pins Per Row
TSHCRE-2 XX
S
XX
Ordering Information
XX
LF
01 - 40
Lead Free
XXX
Pin Options
01
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
XX
Lock Tight "LT" Option
Leave blank if not needed
LT = With
Plating Options
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
G 10µ Gold on Contact Area / Flash on Tail
Max. Post Height
1.98mm
.078
30µ Gold on Contact Area / Matte Tin on Tail
H
02
2.48mm
.098
04
3.00mm
.118
05
3.99mm
.157
9.58mm
.377
10.08mm
.397
10.59mm
.417
11.58mm
.456
Length
XXX
Desired Post Height
Please specify
e.g. .100 (2.54) = 100
06
6.50mm
.256
14.10mm
.555
08
7.01mm
.276
14.61mm
.575
7.49mm
.295
15.09mm
.594
10
Gold Flash over Entire Pin
F
Major League Electronics .079 cl Terminal Strip Headers - Custom - Right Angle - Elevated
20 FEB 07
TSHCRE-2-S SERIES
.079cl Single Row - Custom - Elevated
Terminal Strip Headers - Right Angle


同様の部品番号 - TSHCRE-2-S

メーカー部品番号データシート部品情報
logo
Major League Electronic...
TSHCRE-2-D MAJOR-LEAGUE-TSHCRE-2-D Datasheet
102Kb / 1P
   .079cl Dual Row - Custom - Elevated Terminal Strip Header - Right Angle
More results

同様の説明 - TSHCRE-2-S

メーカー部品番号データシート部品情報
logo
Major League Electronic...
TSHCR-2-S MAJOR-LEAGUE-TSHCR-2-S Datasheet
79Kb / 1P
   .079cl Single Row - Custom Terminal Strip Headers - Right Angle
TSHC-2-S MAJOR-LEAGUE-TSHC-2-S Datasheet
476Kb / 1P
   .079cl Single Row - Custom Terminal Strip Headers
TSHCR-2-D MAJOR-LEAGUE-TSHCR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Custom Terminal Strip Headers - Right Angle
TTSHC-2-S MAJOR-LEAGUE-TTSHC-2-S Datasheet
275Kb / 1P
   .079cl Single Row - Custom Thicker Terminal Strip Headers
TSHR-2-S MAJOR-LEAGUE-TSHR-2-S Datasheet
92Kb / 1P
   .079cl Single Row - Right Angle Terminal Strip Headers
TSHCRE-2-D MAJOR-LEAGUE-TSHCRE-2-D Datasheet
102Kb / 1P
   .079cl Dual Row - Custom - Elevated Terminal Strip Header - Right Angle
TSHC-2-T MAJOR-LEAGUE-TSHC-2-T Datasheet
269Kb / 1P
   .079cl Triple Row - Custom Terminal Strip Headers
TSHC-2-Q MAJOR-LEAGUE-TSHC-2-Q Datasheet
267Kb / 1P
   .079cl Quad Row - Custom Terminal Strip Headers
TSHC-2-D MAJOR-LEAGUE-TSHC-2-D Datasheet
268Kb / 1P
   .079cl Dual Row - Custom Terminal Strip Headers
TSHCRE-1-S MAJOR-LEAGUE-TSHCRE-1-S Datasheet
262Kb / 1P
   .100 cl Single Row - Right Angle Terminal Strip Headers - Custom Elevated
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com