データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT3904 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 PZT3904
部品情報  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT3904 データシート(HTML) 1 Page - Fairchild Semiconductor

  PZT3904 Datasheet HTML 1Page - Fairchild Semiconductor PZT3904 Datasheet HTML 2Page - Fairchild Semiconductor PZT3904 Datasheet HTML 3Page - Fairchild Semiconductor PZT3904 Datasheet HTML 4Page - Fairchild Semiconductor PZT3904 Datasheet HTML 5Page - Fairchild Semiconductor PZT3904 Datasheet HTML 6Page - Fairchild Semiconductor PZT3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
C
B
E
TO-92
C
B
E
B
C
C
SOT-223
E
NPN General Purpose Amplifier
This device is designed as a general purpose amplifier and switch.
The useful dynamic range extends to 100 mA as a switch and to
100 MHz as an amplifier.
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current - Continuous
200
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
 2001 Fairchild Semiconductor Corporation
Thermal Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Characteristic
Max
Units
2N3904
*MMBT3904
**PZT3904
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06."
**Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
2N3904
MMBT3904
SOT-23
Mark: 1A
PZT3904
2N3904/MMBT3904/PZT3904, Rev A


同様の部品番号 - PZT3904

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
   NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
   NPN Silicon Switching Transistor
More results

同様の説明 - PZT3904

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com