データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6482HTR データシート(PDF) 11 Page - STMicroelectronics

部品番号 L6482HTR
部品情報  cSPIN?? microstepping motor controller with motion engine and SPI
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482HTR データシート(HTML) 11 Page - STMicroelectronics

Back Button L6482HTR Datasheet HTML 7Page - STMicroelectronics L6482HTR Datasheet HTML 8Page - STMicroelectronics L6482HTR Datasheet HTML 9Page - STMicroelectronics L6482HTR Datasheet HTML 10Page - STMicroelectronics L6482HTR Datasheet HTML 11Page - STMicroelectronics L6482HTR Datasheet HTML 12Page - STMicroelectronics L6482HTR Datasheet HTML 13Page - STMicroelectronics L6482HTR Datasheet HTML 14Page - STMicroelectronics L6482HTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
L6482
Electrical characteristics
Doc ID 023768 Rev 2
11/73
3
Electrical characteristics
VS = 48 V; VCC = 7.5 V; Tj = 25 °C, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
General
VCCthOn
VCC UVLO turn-on threshold
UVLO_VAL set high(1)
9.9
10.4
10.9
V
UVLO_VAL set low(1)
6.5
6.9
7.3
V
VCCthOff
VCC UVLO turn-off threshold
UVLO_VAL set high(1)
9.5
10
10.5
V
UVLO_VAL set low(1)
5.9
6.3
6.7
V
ΔVBOOTthOn VBOOT - VS UVLO turn-on threshold
UVLO_VAL set high(1)
8.6
9.2
9.8
V
UVLO_VAL set low(1)
5.7
6
6.3
V
ΔVBOOTthOff VBOOT - VS UVLO turn-off threshold
UVLO_VAL set high(1)
8.2
8.8
9.5
V
UVLO_VAL set low(1)
5.3
5.5
5.8
V
VREGthOn
VREG turn-on threshold
(1)
2.8
3
3.18
V
VREGthOff
VREG turn-off threshold
(1)
2.2
2.4
2.5
V
IVSREGqu
Undervoltage VSREG quiescent supply
current
VCCREG= VREG< 2.2 V
40
μA
IVSREGq
Quiescent VSREG supply current
VCCREG= VREG< 3.3 V,
internal oscillator
selected(1)
3.8
mA
IVSREGq
Quiescent VSREG supply current
VCCREG = VREG = 15V
6.5
mA
Thermal protection
Tj(WRN)Set
Thermal warning temperature
135
°C
Tj(WRN)Rec
Thermal warning recovery temperature
125
°C
Tj(OFF)Set
Thermal bridge shutdown temperature
155
°C
Tj(OFF)Rec
Thermal bridge shutdown recovery
temperature
145
°C
Tj(SD)Set
Thermal device shutdown temperature
170
°C
Tj(SD)Rec
Thermal device shutdown recovery
temperature
130
°C
Charge pump
Vpump
Voltage swing for charge pump oscillator
VCC
V
fpump,min
Minimum charge pump oscillator frequency(2)
660
kHz
fpump,max
Maximum charge pump oscillator
frequency(2)
800
kHz
RpumpHS
Charge pump high-side RDS(on) resistance
10
Ω


同様の部品番号 - L6482HTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6480 STMICROELECTRONICS-L6480 Datasheet
732Kb / 73P
   The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
L6480H STMICROELECTRONICS-L6480H Datasheet
732Kb / 73P
   The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
L6480HTR STMICROELECTRONICS-L6480HTR Datasheet
732Kb / 73P
   The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
logo
Hamamatsu Corporation
L6486 HAMAMATSU-L6486 Datasheet
123Kb / 2P
   Plastic package LED for camera auto-focus
More results

同様の説明 - L6482HTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
   dSPIN fully integrated microstepping motor driver with motion engine and SPI
logo
New Japan Radio
NJU39610 NJRC-NJU39610 Datasheet
157Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
NJU39612 NJRC-NJU39612 Datasheet
139Kb / 11P
   MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
   32V Dual Microstepping Motor Driver IC with SPI
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
   HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
STMicroelectronics
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
   Microstepping motor drive with STM8A and STM8S microcontrollers
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
   MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com