データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5313RBRUZ データシート(PDF) 4 Page - Analog Devices

部品番号 AD5313RBRUZ
部品情報  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5313RBRUZ データシート(HTML) 4 Page - Analog Devices

  AD5313RBRUZ Datasheet HTML 1Page - Analog Devices AD5313RBRUZ Datasheet HTML 2Page - Analog Devices AD5313RBRUZ Datasheet HTML 3Page - Analog Devices AD5313RBRUZ Datasheet HTML 4Page - Analog Devices AD5313RBRUZ Datasheet HTML 5Page - Analog Devices AD5313RBRUZ Datasheet HTML 6Page - Analog Devices AD5313RBRUZ Datasheet HTML 7Page - Analog Devices AD5313RBRUZ Datasheet HTML 8Page - Analog Devices AD5313RBRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5313R
Data Sheet
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC OUTPUTS (SDO)2
Output Low Voltage (VOL)
0.4
V
ISINK = 200 µA
Output High Voltage (VOH)
VLOGIC − 0.4
V
ISOURCE = 200 µA
Floating State Output Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
V
ILOGIC
3
µA
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
0.59
0.7
mA
Internal reference off
1.1
1.3
mA
Internal reference on, at full scale
All Power-Down Modes10
1
4
µA
−40°C to +85°C
6
µA
−40°C to +105°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV; it exists only when VREF = VDD with gain = 1 or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 4 to 1020.
2
Guaranteed by design and characterization; not production tested.
3
Channel A can have an output current of up to 30 mA. Similarly, Channel B can have an output current of up to 30 mA, up to a junction temperature of 110°C.
4
VDD = 5 V. The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature may be exceeded
during current limit, but operation above the specified maximum operation junction temperature can impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25
Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 29).
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference Setup section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +105°C.
8
Reference temperature coefficient is calculated as per the box method. See the Terminology section for more information.
9
Interface is inactive, both DACs are active, and DAC outputs are unloaded.
10
Both DACs are powered down.
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V; RL = 2 kΩ to GND; CL = 200 pF to GND; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Temperature range = −40°C to +105°C, typical at 25°C. Guaranteed by design and characterization; not production tested.
Table 3.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Settling Time
5
7
µs
¼ to ¾ scale settling to ±2 LSB
Slew Rate
0.8
V/µs
Digital-to-Analog Glitch Impulse
0.5
nV-sec
1 LSB change around major carry
Digital Feedthrough
0.13
nV-sec
Digital Crosstalk
0.1
nV-sec
Analog Crosstalk
0.2
nV-sec
DAC-to-DAC Crosstalk
0.3
nV-sec
Total Harmonic Distortion (THD)2
−80
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Output Noise Spectral Density (NSD)
300
nV/√Hz
DAC code = midscale, 10 kHz; gain = 2
Output Noise
6
µV p-p
0.1 Hz to 10 Hz
Signal-to-Noise Ratio (SNR)
90
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Spurious Free Dynamic Range (SFDR)
83
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
Signal-to-Noise-and-Distortion Ratio
(SINAD)
80
dB
At ambient, BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz
1
See the Terminology section.
2
Digitally generated sine wave at 1 kHz.


同様の部品番号 - AD5313RBRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5313RBRUZ AD-AD5313RBRUZ Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
AD5313RBRUZ-RL7 AD-AD5313RBRUZ-RL7 Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
More results

同様の説明 - AD5313RBRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com