データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM4472 データシート(PDF) 9 Page - Analog Devices

部品番号 ADuM4472
部品情報  Isolated Switching Regulator with Quad-Channel Isolators
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM4472 データシート(HTML) 9 Page - Analog Devices

Back Button ADuM4472 Datasheet HTML 5Page - Analog Devices ADuM4472 Datasheet HTML 6Page - Analog Devices ADuM4472 Datasheet HTML 7Page - Analog Devices ADuM4472 Datasheet HTML 8Page - Analog Devices ADuM4472 Datasheet HTML 9Page - Analog Devices ADuM4472 Datasheet HTML 10Page - Analog Devices ADuM4472 Datasheet HTML 11Page - Analog Devices ADuM4472 Datasheet HTML 12Page - Analog Devices ADuM4472 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Data Sheet
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Rev. 0 | Page 9 of 36
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Logic High Output Voltages
VOAH, VOBH,
VOCH, VODH
VDDA − 0.3,
VISO − 0.3
3.3
V
IOx = −20 µA, VIx = VIxH
VDDA − 0.5,
VISO − 0.5
3.1
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL, VOBL,
VOCL, VODL
0.0
0.1
V
IOx = 20 µA, VIx = VIxH
0.0
0.4
V
IOx = 4 mA, VIx = VIxH
AC SPECIFICATIONS
ADuM447xARIZ
Minimum Pulse Width
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay
tPLH, tPHL
55
100
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
tPSK
50
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching
tPSKCD/tPSKOD
50
ns
CL = 15 pF, CMOS signal levels
ADuM447xCRIZ
Minimum Pulse Width
PW
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate
25
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay
tPLH, tPHL
30
50
70
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|
PWD
8
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/
°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew
tPSK
15
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
tPSKCD
8
ns
CL = 15 pF, CMOS signal levels
Codirectional Channels
Channel-to-Channel Matching,
tPSKCD
15
ns
CL = 15 pF, CMOS signal levels
Opposing Directional Channels
Output Rise/Fall Time (10% to 90%)
tR/tF
2.5
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity
|CMH|
25
35
kV/µs
VIx = VDDA or VISO, VCM = 1000 V,
at Logic High Output
transient magnitude = 800 V
Common-Mode Transient Immunity
|CML|
25
35
kV/µs
VIx = 0 V or VISO, VCM = 1000 V,
at Logic Low Output
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 V
DD1 is the power supply for the push-pull transformer.
2 V
DDA is the power supply of Side 1 of the ADuM447x.
3 The contributions of supply current values for all four channels are combined at identical data rates.
4 The V
ISO supply current is available for external use when all data rates are below 2 Mbps. At data rates above 2 Mbps, the data I/O channels draw additional current
proportional to the data rate. Additional supply current associated with an individual channel operating at a given data rate can be calculated as described in the
Power Consumption section. The dynamic I/O channel load must be treated as an external load and included in the VISO power budget.
5 The power demands of the quiescent operation of the data channels were not separated from the power supply section. Efficiency includes the quiescent power
consumed by the I/O channels as part of the internal power consumption.
6 This current is available for driving external loads at the V
ISO output. All channels are simultaneously driven at a maximum data rate of 25 Mbps with full capacitive
load representing the maximum dynamic load conditions. Refer to the Power Consumption section for calculation of available current at less than the maximum
data rate.


同様の部品番号 - ADuM4472

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4472 AD-ADUM4472 Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472ARIZ AD-ADUM4472ARIZ Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472ARIZ-RL AD-ADUM4472ARIZ-RL Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472CRIZ AD-ADUM4472CRIZ Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM4472CRIZ-RL AD-ADUM4472CRIZ-RL Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
More results

同様の説明 - ADuM4472

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM4470 AD-ADUM4470_V01 Datasheet
630Kb / 36P
   Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1401 AD-ADUM1401_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1402 AD-ADUM1402_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com