データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM3190SRQZ-RL7 データシート(PDF) 7 Page - Analog Devices

部品番号 ADuM3190SRQZ-RL7
部品情報  High Stability Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM3190SRQZ-RL7 データシート(HTML) 7 Page - Analog Devices

Back Button ADuM3190SRQZ-RL7 Datasheet HTML 3Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 4Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 5Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 6Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 7Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 8Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 9Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 10Page - Analog Devices ADuM3190SRQZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADuM3190
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
Supply Voltage for Side 1 (3.0 V to 20 V). Connect a 1 μF capacitor between VDD1 and GND1.
2
GND1
Ground Reference for Side 1.
3
VREG1
Internal Supply Voltage for Side 1. Connect a 1 μF capacitor between VREG1 and GND1.
4
REFOUT1
Reference Output Voltage for Side 1. The maximum capacitance for this pin (CREFOUT1) must not exceed 15 pF.
5
NC
No Connection. Connect Pin 5 to GND1; do not leave this pin floating.
6
EAOUT2
Isolated Output Voltage 2, Open-Drain Output. Connect a pull-up resistor between EAOUT2 and VDD1 for current up to
1 mA.
7
EAOUT
Isolated Output Voltage.
8
GND1
Ground Reference for Side 1.
9
GND2
Ground Reference for Side 2.
10
COMP
Output of the Op Amp. A loop compensation network can be connected between the COMP pin and the −IN pin.
11
−IN
Inverting Op Amp Input. Pin 11 is the connection for the power supply setpoint and compensation network.
12
+IN
Noninverting Op Amp Input. Pin 12 can be used as a reference input.
13
REFOUT
Reference Output Voltage for Side 2. The maximum capacitance for this pin (CREFOUT) must not exceed 15 pF.
14
VREG2
Internal Supply Voltage for Side 2. Connect a 1 μF capacitor between VREG2 and GND2.
15
GND2
Ground Reference for Side 2.
16
VDD2
Supply Voltage for Side 2 (3.0 V to 20 V). Connect a 1 μF capacitor between VDD2 and GND2.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADuM3190
COMP
GND2
GND1
–IN
+IN
REFOUT
VDD1
NC = NO CONNECTION. CONNECT PIN 5 TO GND1;
DO NOT LEAVE THIS PIN FLOATING.
VREG1
VDD2
GND2
VREG2
REFOUT1
NC
EAOUT2
EAOUT


同様の部品番号 - ADuM3190SRQZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADuM3190SRQZ-RL7 AD-ADuM3190SRQZ-RL7 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADuM3190SRQZ-RL7 AD-ADuM3190SRQZ-RL7 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
More results

同様の説明 - ADuM3190SRQZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3190S AD-ADUM3190S_18 Datasheet
1Mb / 14P
   High Stability Isolated Error Amplifier
ADUM3190 AD-ADUM3190_13 Datasheet
509Kb / 17P
   High Stability Isolated Error Amplifier
REV. 0
ADUM4190 AD-ADUM4190_16 Datasheet
526Kb / 21P
   High Stability Isolated Error Amplifier
ADUM4190 AD-ADUM4190 Datasheet
478Kb / 9P
   High-stability Isolated Error Amplifier
Rev. PrA
ADUM3190 AD-ADUM3190_16 Datasheet
628Kb / 19P
   High Stability Isolated Error Amplifier
ADUM3190S AD-ADUM3190S Datasheet
365Kb / 15P
   High Stability Isolated Error Amplifier
Rev. G
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com