データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADuM5212 データシート(PDF) 10 Page - Analog Devices

部品番号 ADuM5212
部品情報  Dual-Channel Isolators with Integrated DC-to-DC Converters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADuM5212 データシート(HTML) 10 Page - Analog Devices

Back Button ADuM5212 Datasheet HTML 6Page - Analog Devices ADuM5212 Datasheet HTML 7Page - Analog Devices ADuM5212 Datasheet HTML 8Page - Analog Devices ADuM5212 Datasheet HTML 9Page - Analog Devices ADuM5212 Datasheet HTML 10Page - Analog Devices ADuM5212 Datasheet HTML 11Page - Analog Devices ADuM5212 Datasheet HTML 12Page - Analog Devices ADuM5212 Datasheet HTML 13Page - Analog Devices ADuM5212 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM5210/ADuM5211/ADuM5212
Data Sheet
Rev. 0 | Page 10 of 24
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by
the protective circuits. The asterisk (*) marking on packages denotes DIN V VDE V 0884-10 approval.
Table 17. VDE Characteristics
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to III
For Rated Mains Voltage ≤ 400 V rms
I to II
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
VIORM
560
V peak
Input-to-Output Test Voltage, Method b1
VIORM × 1.875 = Vpd(m), 100% production test,
tini = tm = 1 sec, partial discharge < 5 pC
Vpd(m)
1050
V peak
Input-to-Output Test Voltage, Method a
After Environmental Tests Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd(m)
840
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
Vpd(m)
672
V peak
Highest Allowable Overvoltage
VIOTM
3535
V peak
Surge Isolation Voltage
VIOSM(TEST)
= 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
VIOSM
4000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 2)
Case Temperature
TS
150
°C
Safety Total Dissipated Power
IS1
2.5
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 2. Thermal Derating Curve, Dependence of Safety Limiting Values on Case Temperature, per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 18.
Parameter
Symbol
Min
Max
Unit
Operating Temperature1
TA
−40
+105
°C
Supply Voltages2
VDDP at VISO = 3.0 V to 3.6 V
VDDP
3.0
5.5
V
VDDP at VISO = 4.5 V to 5.5 V
4.5
5.5
V
VDD1, VDD2
VDD1, VDD2
2.7
5.5
V
1
Operation at 105°C requires reduction of the maximum load current as specified in Table 19.
2
Each voltage is relative to its respective ground.


同様の部品番号 - ADuM5212

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM5212 AD-ADUM5212 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
ADUM5212 AD-ADUM5212 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5212ARSZ AD-ADUM5212ARSZ Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5212ARSZ-RL7 AD-ADUM5212ARSZ-RL7 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM5212BRSZ AD-ADUM5212BRSZ Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
More results

同様の説明 - ADuM5212

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM5210 AD-ADUM5210_V01 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
   Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com