データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2W005G データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 2W005G
部品情報  2.0 Ampere Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2W005G データシート(HTML) 1 Page - Fairchild Semiconductor

  2W005G Datasheet HTML 1Page - Fairchild Semiconductor 2W005G Datasheet HTML 2Page - Fairchild Semiconductor 2W005G Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2W005G -2 W10G, Rev. A
2W005G - 2W10G
2.0 Ampere Glass Passivated Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on PCB with 0.375" (9.5 mm) lead length.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Features
Glass passivated junction.
Ideal for printed circuit board.
Reliable low cost construction technique
results in inexpensive product.
High surge current capability.
Parameter
Device
Units
005G
01G
02G
04G
06G
08G
10G
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
Maximum Reverse Leakage Current,
per leg @ rated VR
TA = 25
°C
TA = 125
°C
5.0
500
µA
µA
Maximum Forward Voltage Drop,
per bridge @ 2.0 A
1.1
V
I
2t rating for fusing
t < 8.3 ms
10
A
2Sec
Typical Junction Capacitance, per leg
VR = 4.0 V, f = 1.0 MHz
19
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 50
°C
2.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
60
A
PD
Total Device Dissipation
Derate above 25
°C
3.13
25
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient,** per leg
40
°C/W
RθJL
Thermal Resistance, Junction to Lead,** per leg
15
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Dimensions are in:
inches (mm)
WOB
0.358(9.1)
0.339(8.6)
DIA
1.0(25.4)
MIN
0.217(5.5)
0.197(5.0)
1.2(30.5)
MIN
0.032(.81)
0.030(.76)
DIA
POS.LEAD
0.220(5.6)
0.180(4.6)
0.220(5.6)
0.180(4.6)
+
_
~
~
Discrete POWER & Signal
Technologies


同様の部品番号 - 2W005G

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
2W005G VISHAY-2W005G Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
HY ELECTRONIC CORP.
2W005G HY-2W005G Datasheet
209Kb / 3P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
2W005G MIC-2W005G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

同様の説明 - 2W005G

メーカー部品番号データシート部品情報
logo
Microdiode Electronics ...
MDDDB201S CHENDA-MDDDB201S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 2.0 Ampere
logo
Rectron Semiconductor
DRS201K RECTRON-DRS201K Datasheet
274Kb / 5P
   GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE 1000 Volts CURRENT 2.0 Ampere
2018-10 REV: C
logo
Fairchild Semiconductor
W005G FAIRCHILD-W005G Datasheet
163Kb / 3P
   1.5 Ampere Glass Passivated Bridge Rectifiers
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A FAIRCHILD-EGP20A_07 Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Shenzhen Foster Semicon...
DB201G FOSTER-DB201G Datasheet
1Mb / 3P
   2.0 Amps Glass passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBL201 SECOS-GBL201 Datasheet
257Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers
2W005G SECOS-2W005G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com