データシートサーチシステム |
|
2W01G データシート(PDF) 1 Page - Fairchild Semiconductor |
|
2W01G データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 3 page 2W005G -2 W10G, Rev. A 2W005G - 2W10G 2.0 Ampere Glass Passivated Bridge Rectifiers Absolute Maximum Ratings* T A = 25°C unless otherwise noted *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. **Device mounted on PCB with 0.375" (9.5 mm) lead length. Electrical Characteristics T A = 25°C unless otherwise noted ©1999 Fairchild Semiconductor Corporation Features • Glass passivated junction. • Ideal for printed circuit board. • Reliable low cost construction technique results in inexpensive product. • High surge current capability. Parameter Device Units 005G 01G 02G 04G 06G 08G 10G Peak Repetitive Reverse Voltage 50 100 200 400 600 800 1000 V Maximum RMS Bridge Input Voltage 35 70 140 280 420 560 700 V DC Reverse Voltage (Rated VR) 50 100 200 400 600 800 1000 V Maximum Reverse Leakage Current, per leg @ rated VR TA = 25 °C TA = 125 °C 5.0 500 µA µA Maximum Forward Voltage Drop, per bridge @ 2.0 A 1.1 V I 2t rating for fusing t < 8.3 ms 10 A 2Sec Typical Junction Capacitance, per leg VR = 4.0 V, f = 1.0 MHz 19 pF Symbol Parameter Value Units IO Average Rectified Current @ TA = 50 °C 2.0 A if(surge) Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) 60 A PD Total Device Dissipation Derate above 25 °C 3.13 25 W mW/ °C RθJA Thermal Resistance, Junction to Ambient,** per leg 40 °C/W RθJL Thermal Resistance, Junction to Lead,** per leg 15 °C/W Tstg Storage Temperature Range -55 to +150 °C TJ Operating Junction Temperature -55 to +150 °C Dimensions are in: inches (mm) WOB 0.358(9.1) 0.339(8.6) DIA 1.0(25.4) MIN 0.217(5.5) 0.197(5.0) 1.2(30.5) MIN 0.032(.81) 0.030(.76) DIA POS.LEAD 0.220(5.6) 0.180(4.6) 0.220(5.6) 0.180(4.6) + _ ~ ~ Discrete POWER & Signal Technologies |
同様の部品番号 - 2W01G |
|
同様の説明 - 2W01G |