データシートサーチシステム |
|
74ABT125CSJ データシート(PDF) 2 Page - Fairchild Semiconductor |
|
74ABT125CSJ データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 6 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 2) Recommended Operating Conditions Note 2: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 3: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics Note 4: Guaranteed, but not tested. Note 5: For 8 bits toggling, ICCD 0.8 mA/MHz. Storage Temperature 65qC to 150qC Ambient Temperature under Bias 55qC to 125qC Junction Temperature under Bias 55qC to 150qC VCC Pin Potential to Ground Pin 0.5V to 7.0V Input Voltage (Note 3) 0.5V to 7.0V Input Current (Note 3) 30 mA to 5.0 mA Voltage Applied to Any Output in the Disabled or Power-Off State 0.5V to 5.5V in the HIGH State 0.5V to VCC Current Applied to Output in LOW State (Max) twice the rated IOL (mA) DC Latchup Source Current (Across Comm Operating Range) 300 mA Over Voltage Latchup (I/O) 10V Free Air Ambient Temperature 40qC to 85qC Supply Voltage 4.5V to 5.5V Minimum Input Edge Rate ( 'V/'t) Data Input 50 mV/ns Enable Input 20 mV/ns Symbol Parameter Min Typ Max Units VCC Conditions VIH Input HIGH Voltage V Recognized HIGH Signal VIL Input LOW Voltage 0.8 V Recognized LOW Signal VCD Input Clamp Diode Voltage 1.2 V Min IIN 18 mA VOH Output HIGH Voltage 2.5 V Min IOH 3 mA 2.0 V Min IOH 32 mA VOL Output LOW Voltage 0.55 V Min IOL 64 mA IIH Input HIGH Current 1 PAMax VIN 2.7V (Note 4) 1VIN VCC IBVI Input HIGH Current Breakdown Test 7 PAMax VIN 7.0V IIL Input LOW Current 1 PAMax VIN 0.5V (Note 4) 1VIN 0.0V VID Input Leakage Test V 0.0 IID 1.9 PA, All Other Pin Grounded IOZH Output Leakage Current 10 PA05.5V VOUT 2.7V; OEn 2.0V IOZL Output Leakage Current 10 PA05.5V VOUT 0.5V; OEn 2.0V IOS Output Short-Circuit Current 275 mA Max VOUT 0.0V ICEX Output HIGH Leakage Current 50 PAMax VOUT VCC IZZ Bus Drainage Test 100 PA0.0 VOUT 5.5V; All Others GND ICCH Power Supply Current 50 PA Max All Outputs HIGH ICCL Power Supply Current 15 mA Max All Outputs LOW ICCZ Power Supply Current 50 PAMax OEn VCC; All Others at VCC or Ground ICCT Additional ICC /Input Outputs Enabled 1.5 mA Max VI V CC 2.1V Outputs 3-STATE 1.5 mA Enable Input VI VCC 2.1V Outputs 3-STATE 50 PA Data Input V I VCC 2.1V All Others at VCC or Ground ICCD Dynamic ICC No Load mA/ Max Outputs Open (Note 4) 0.1 MHz OEn GND, (Note 5) One Bit Toggling, 50% Duty Cycle |
同様の部品番号 - 74ABT125CSJ |
|
同様の説明 - 74ABT125CSJ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |