データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT16646 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74ABT16646
部品情報  16-Bit Transceivers and Registers with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16646 データシート(HTML) 7 Page - Fairchild Semiconductor

  74ABT16646 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT16646 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Skew
(SOIC Package)
Note 13: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase
(i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
Note 14: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 15: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH to LOW (tOSHL), LOW to HIGH (tOSLH), or any combination switching LOW to HIGH and/or HIGH to
LOW (tOST). This specification is guaranteed but not tested.
Note 16: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Note 17: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Capacitance
Note 18: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = 4.5V–5.5V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 250 pF
16 Outputs Switching
16 Outputs Switching
(Note 13)
(Note 14)
Max
Max
tOSHL
Pin to Pin Skew
2.0
2.5
ns
(Note 15)
HL Transitions
tOSLH
Pin to Pin Skew
2.0
2.5
ns
(Note 15)
LH Transitions
tPS
Duty Cycle
2.0
2.5
(Note 16)
LH–HL Skew
tOST
Pin to Pin Skew
2.8
3.0
ns
(Note 15)
LH/HL Transitions
tPV
Device to Device Skew
3.5
4.0
ns
(Note 17)
LH/HL Transitions
Symbol
Parameter
Typ
Units
Conditions
TA = 25°C
CIN
Input Capacitance
5
pF
VCC = 0V (non I/O pins)
CI/O (Note 18)
Output Capacitance
11
pF
VCC = 5.0V (An, Bn)


同様の部品番号 - 74ABT16646

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ABT16646DGG PHILIPS-74ABT16646DGG Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
logo
Texas Instruments
74ABT16646DGGRE4 TI-74ABT16646DGGRE4 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16646DL PHILIPS-74ABT16646DL Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
More results

同様の説明 - 74ABT16646

メーカー部品番号データシート部品情報
logo
Texas Instruments
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16652 FAIRCHILD-74ABT16652 Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com