データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT16652 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74ABT16652
部品情報  16-Bit Transceivers and Registers with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT16652 データシート(HTML) 5 Page - Fairchild Semiconductor

  74ABT16652 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT16652 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics
(SSOP Package)
Note 5: Max number of outputs defined as (n). n
− 1 data inputs are driven 0V to 3V. One output at LOW. Guaranteed, but not tested.
Note 6: Max number of outputs defined as (n). n
− 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not tested.
Note 7: Max number of data inputs (n) switching. n
− 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (V
ILD), 0V to threshold (VIHD).
Guaranteed, but not tested.
AC Electrical Characteristics
(SSOP Package)
AC Operating Requirements
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL = 50 pF, RL = 500Ω
VOLP
Quiet Output Maximum Dynamic VOL
0.7
1.2
V
5.0
TA = 25°C (Note 5)
VOLV
Quiet Output Minimum Dynamic VOL
−1.4
−1.0
V
5.0
TA = 25°C (Note 5)
VOHV
Minimum HIGH Level Dynamic Output Voltage
2.5
3.0
V
5.0
TA = 25° (Note 6)
VIHD
Minimum HIGH Level Dynamic Input Voltage
2.0
1.6
V
5.0
TA = 25°C (Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
1.2
0.8
V
5.0
TA = 25°C (Note 7)
Symbol
Parameter
TA = +25°C
TA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.5
3.0
4.9
1.5
4.9
ns
tPHL
Clock to Bus
1.5
3.4
4.9
1.5
4.9
tPLH
Propagation Delay
1.5
2.6
4.5
1.5
4.5
ns
tPHL
Bus to Bus
1.5
3.0
4.5
1.5
4.5
tPLH
Propagation Delay
1.5
2.9
5.0
1.5
5.0
ns
tPHL
SBAn or SABn
1.5
3.2
5.0
1.5
5.0
to An to Bn
tPZH
Enable Time
1.5
2.8
5.5
1.5
5.5
ns
tPZL
OEBAn or OEABn
1.5
3.0
5.5
1.5
5.5
to An or Bn
tPHZ
Disable Time
1.5
3.9
5.9
1.5
5.9
ns
tPLZ
OEBAn or OEABn
1.5
3.3
5.9
1.5
5.9
to An or Bn
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC = +5.0V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Max Clock Frequency
200
MHz
tS(H)
Setup Time, HIGH
2.0
2.0
ns
tS(L)
or LOW Bus to Clock
tH(H)
Hold Time, HIGH
1.0
1.0
ns
tH(L)
or LOW Bus to Clock
tW(H)
Pulse Width,
3.0
3.0
ns
tW(L)
HIGH or LOW


同様の部品番号 - 74ABT16652

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ABT16652 PHILIPS-74ABT16652 Datasheet
96Kb / 12P
   16-bit transceiver/register, non-inverting 3-State
1998 Feb 27
More results

同様の説明 - 74ABT16652

メーカー部品番号データシート部品情報
logo
Texas Instruments
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ACT16651 TI1-SN54ACT16651_06 Datasheet
375Kb / 13P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
APRIL 1996
logo
Fairchild Semiconductor
74ABT16646 FAIRCHILD-74ABT16646 Datasheet
84Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
logo
Texas Instruments
SN54ACT16651 TI-SN54ACT16651 Datasheet
175Kb / 10P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652_08 Datasheet
383Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com