データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT14SC データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74ACT14SC
部品情報  Hex Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT14SC データシート(HTML) 3 Page - Fairchild Semiconductor

  74ACT14SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT14SC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which damage to the
device may occur. The databook specifications should be met, without exception, to
ensure that the system design is reliable over its power supply, temperature, and out-
put/input loading variables. Fairchild does not recommend operation of FACT
¥ cir-
cuits outside databook specifications.
DC Electrical Characteristics for AC
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
V
IOUT 50 PA45
Output Voltage
4.5
4.49
4.4
4.4
5.55.495.4
5.4
3.0
2.56
2.46
V
IOH 12
4.5
3.86
3.76
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note )
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
V
IOUT 50 PA
Output Voltage
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
3.0
0.36
0.44
V
IOL 12
4.5
0.36
0.44
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note )
IIN (Note )
Maximum Input Leakage Current
5.5
r0.1
r1.0
PAVI VCC, GND
Vt
Maximum Positive
3.0
2.2
2.2
TA Worst Case
Threshold
4.5
3.2
3.2
V
5.5
3.9
3.9
Vt
Minimum Negative
3.0
0.5
0.5
TA Worst Case
Threshold
4.5
0.9
0.9
V
5.5
1.1
1.1
VH(MAX)
Maximum Hysteresis
3.0
1.2
1.2
TA Worst Case
4.5
1.4
1.4
V
5.5
1.6
1.6
VH(MIN)
Minimum Hysteresis
3.0
0.3
0.3
TA Worst Case
4.5
0.4
0.4
V
5.5
0.5
0.5
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note )
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent
5.5
2.0
20.0
PAVIN VCC
(Note )
Supply Current
or GND


同様の部品番号 - 74ACT14SC

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74ACT14SC ONSEMI-74ACT14SC Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74ACT14SC ONSEMI-74ACT14SC Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Fairchild Semiconductor
74ACT14SC FAIRCHILD-74ACT14SC_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
More results

同様の説明 - 74ACT14SC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
   Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
   Hex Inverter with Schmitt Trigger Input
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
   Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14_V01 Datasheet
374Kb / 11P
   Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
[Old version datasheet]   54AC14 Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
   Low Voltage Hex Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com