データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AC191SC データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74AC191SC
部品情報  Up/Down Counter with Preset and Ripple Clock
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC191SC データシート(HTML) 4 Page - Fairchild Semiconductor

  74AC191SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC191SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which dam-
age to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its
power supply, temperature, output/input loading variables. Fairchild does
not recommend operation of FACT
 circuits outside databook specifica-
tions.
DC Electrical Characteristics
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
2.0V to 6.0V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 30% to 70% of VCC
VCC @ 3.3V 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT = 0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC − 0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT = 0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC − 0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
5.5
5.49
5.4
5.4
3.0
2.56
2.46
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH −12 mA
5.5
4.86
4.76
IOH = −24 mA
IOH.= −24 mA (Note 3)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
5.5
0.001
0.1
0.1
3.0
0.36
0.44
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 12 mA
5.5
0.36
0.44
IOL = 24 mA
IOL = 24 mA (Note 3)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
(Note 5)
Leakage Current
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 4)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
4.0
40.0
µA
VIN = VCC
(Note 5)
Supply Current
or GND


同様の部品番号 - 74AC191SC

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74AC10 STMICROELECTRONICS-74AC10 Datasheet
68Kb / 7P
   TRIPLE 3-INPUT NAND GATE
May 1997
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
   Triple 3-Input NAND Gate
74AC10 FAIRCHILD-74AC10 Datasheet
102Kb / 7P
   Triple 3-Input NAND Gate
logo
STMicroelectronics
74AC10 STMICROELECTRONICS-74AC10 Datasheet
182Kb / 8P
   TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
74AC109 ONSEMI-74AC109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
More results

同様の説明 - 74AC191SC

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F190 FAIRCHILD-74F190 Datasheet
65Kb / 7P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191_07 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
logo
Texas Instruments
SN74F190A TI1-SN74F190A Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com