データシートサーチシステム |
|
74ACT273SC データシート(PDF) 6 Page - Fairchild Semiconductor |
|
74ACT273SC データシート(HTML) 6 Page - Fairchild Semiconductor |
6 / 10 page www.fairchildsemi.com 6 AC Operating Requirements for ACT Note 11: Voltage Range 5.0 is 5.0V r 0.5V Capacitance VCC TA 25qCTA 40qC to 85qC Symbol Parameter (V) CL 50 pF CL 50 pF Units (Note 11) Typ Guaranteed Minimum tS Setup Time, HIGH or LOW 5.0 1.0 3.5 3.5 ns Dn to CP tH Hold Time, HIGH or LOW 5.0 0.5 1.5 1.5 ns Dn to CP tW Clock Pulse Width 5.0 2.0 4.0 4.0 ns HIGH or LOW tW MR Pulse Width 5.0 1.5 4.0 4.0 ns HIGH or LOW tW Recovery Time 5.0 0.5 3.0 3.0 ns MR to CP Symbol Parameter Typ Units Conditions CIN Input Capacitance 4.5 pF VCC OPEN CPD Power Dissipation Capacitance for AC 50.0 pF VCC 5.0V Power Dissipation Capacitance for ACT 40.0 |
同様の部品番号 - 74ACT273SC |
|
同様の説明 - 74ACT273SC |