データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8237ARMZ-RL データシート(PDF) 11 Page - Analog Devices

部品番号 AD8237ARMZ-RL
部品情報  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8237ARMZ-RL データシート(HTML) 11 Page - Analog Devices

Back Button AD8237ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 9Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 10Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 11Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 12Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 13Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 14Page - Analog Devices AD8237ARMZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD8237
Rev. 0 | Page 11 of 28
15
–15
–2.5
2.5
DIFFERENTIAL INPUT VOLTAGE (V)
–10
–5
0
5
10
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
IB+
IB
VS = ±2.5V
VCM = 0V
REPRESENTATIVE SAMPLE
Figure 16. Input Bias Current vs. Differential Input Voltage
140
120
100
80
60
40
20
0
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
LOW BANDWIDTH MODE
VS = 5V
Figure 17. Positive PSRR vs. Frequency, RTI, Low Bandwidth Mode, VS = 5 V
140
120
100
80
60
40
20
0
–20
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
LOW BANDWIDTH MODE
VS = 5V
Figure 18. Negative PSRR vs. Frequency, RTI, Low Bandwidth Mode, VS = 5 V
140
120
100
80
60
40
20
0
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
HIGH BANDWIDTH MODE
Figure 19. Positive PSRR vs. Frequency, RTI, High Bandwidth Mode
140
120
100
80
60
40
20
0
0.1
10k
1k
100
10
1
FREQUENCY (Hz)
GAIN = 10
GAIN = 100
GAIN = 1000
BW LIMIT
HIGH BANDWIDTH MODE
Figure 20. Negative PSRR vs. Frequency, RTI, High Bandwidth Mode
80
70
60
50
40
30
20
10
0
–10
–20
10
1M
100k
10k
1k
100
FREQUENCY (Hz)
LOW BANDWIDTH MODE
VS = 5V
GAIN = 1
GAIN = 10
GAIN = 100
GAIN = 1000
Figure 21. Gain vs. Frequency, Low Bandwidth Mode, VS = 5 V


同様の部品番号 - AD8237ARMZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8237ARMZ-RL AD-AD8237ARMZ-RL Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
More results

同様の説明 - AD8237ARMZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8237 AD-AD8237_16 Datasheet
691Kb / 29P
   Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
logo
Texas Instruments
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
logo
Texas Instruments
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
   Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
   Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
   16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA333 TI-INA333_1 Datasheet
652Kb / 23P
[Old version datasheet]   Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com