データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT18825 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74ACT18825
部品情報  18-Bit Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT18825 データシート(HTML) 4 Page - Fairchild Semiconductor

  74ACT18825 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT18825 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT18825 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT18825 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT18825 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT18825 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Voltage Range 5.0 is 5.0V
± 0.5V.
Capacitance
VCC
TA = +25°CTA = −40°C to +85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 4)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
5.0
2.0
5.3
8.4
2.0
9.0
ns
tPLH
Data to Output
2.0
5.6
8.7
2.0
9.2
tPZL
Output Enable
5.0
2.0
6.3
9.6
2.0
10.3
ns
tPZH
Time
2.0
6.5
9.7
2.0
10.4
tPLZ
Output Disable
5.0
1.5
4.5
7.3
1.5
7.6
ns
tPHZ
Time
1.5
5.1
8.5
1.5
8.8
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4.5
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
95
pF
VCC = 5.0V


同様の部品番号 - 74ACT18825

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACT18823 FAIRCHILD-74ACT18823 Datasheet
60Kb / 6P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT18823MTD FAIRCHILD-74ACT18823MTD Datasheet
60Kb / 6P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT18823SSC FAIRCHILD-74ACT18823SSC Datasheet
60Kb / 6P
   18-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

同様の説明 - 74ACT18825

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ACTQ18825 FAIRCHILD-74ACTQ18825 Datasheet
78Kb / 7P
   18-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2244T TI1-CY74FCT2244T Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR9244 FAIRCHILD-74FR9244 Datasheet
41Kb / 5P
   9-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16244 MICRO-LINEAR-ML65F16244 Datasheet
203Kb / 10P
   16-Bit Buffer/Line Driver with 3-State Outputs
logo
Texas Instruments
CY74FCT2240T TI1-CY74FCT2240T_16 Datasheet
868Kb / 16P
[Old version datasheet]   8-BIT BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16244 FAIRCHILD-74ACTQ16244 Datasheet
102Kb / 7P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
74FR16541 FAIRCHILD-74FR16541 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16244A POTATO-PO74G16244A Datasheet
512Kb / 6P
   16-Bit Buffer/Line Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com