データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD608ARZ データシート(PDF) 10 Page - Analog Devices

部品番号 AD608ARZ
部品情報  Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD608ARZ データシート(HTML) 10 Page - Analog Devices

Back Button AD608ARZ Datasheet HTML 6Page - Analog Devices AD608ARZ Datasheet HTML 7Page - Analog Devices AD608ARZ Datasheet HTML 8Page - Analog Devices AD608ARZ Datasheet HTML 9Page - Analog Devices AD608ARZ Datasheet HTML 10Page - Analog Devices AD608ARZ Datasheet HTML 11Page - Analog Devices AD608ARZ Datasheet HTML 12Page - Analog Devices AD608ARZ Datasheet HTML 13Page - Analog Devices AD608ARZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD608
Rev. C | Page 10 of 16
IF FILTER TERMINATIONS
The AD608 was designed to drive a parallel-terminated 10.7 MHz
band-pass filter (BPF) with a 330 Ω impedance. With a 330 Ω
parallel-terminated filter, Pin MXOP sees a 165 Ω termination,
and the gain is nominally 24 dB. Other filter impedances and
gains can be accommodated by either accepting an increase or
decrease in gain in proportion to the filter impedance or by
keeping the impedance seen by MXOP at a nominal 165 Ω (by
using resistive dividers or matching networks). Figure 23 shows a
simple resistive voltage divider for matching an assortment of
filter impedances, and Table 6 lists component values.
THE LOGARITHMIC IF AMPLIFIER
The logarithmic IF amplifier consists of five amplifier stages
of 16 dB gain each, plus a final limiter. The IF bandwidth is
30 MHz (−1 dB), and the limiting gain is 110 dB. The phase
skew is ±3° from −75 dBm to +5 dBm (approximately 111 μV p-p
to 1.1 V p-p). The limiter output impedance is 200 Ω, and the
limiter output drive is ± 200 mV (400 mV p-p) into a 5 kΩ load.
In the absence of an input signal, the limiter output limits noise
fluctuations, producing an output that continues to swing
400 mV p-p, but with random zero crossings.
OFFSET FEEDBACK LOOP
Because the logarithmic amplifier is dc-coupled and has more
than 110 dB of gain from the input to the limiter output, a dc
offset at its input of even a few microvolts causes the output to
saturate. Therefore, the AD608 uses a low frequency feedback
loop to null the input offset. Referring to Figure 23, the loop
consists of a current source driven by the limiter, which sends
50 μA current pulses to Pin FDBK. The pulses are low-pass filtered
by a π-network consisting of C1, R4, and C5. The smoothed dc
voltage that results is subtracted from the input to the IF amplifier
at Pin IFLO. Because this is a high gain amplifier with a feedback
loop, care should be taken in layout and component values to
prevent oscillation. Recommended values for the common IFs
of 450 kHz, 455 kHz, 6.5 MHz, and 10.7 MHz are listed in Table 6.
5V
C2
100pF
47kΩ
24dB MIXER GAIN
110dB LIMITER GAIN
90dB RSSI
BIAS
MXOP
MIXER
BPF
DRIVER
VMID
LO
PREAMP
AD608
RFHI
RFLO
IFHI
IFLO
LMOP
VPS2
RSSI
FDBK
COM3
FINAL
LIMITER
100nF
C5
R1
±50µA
R3
MIDSUPPLY
IF BIAS
PRUP
VPS1 COM1
COM2
LOHI
12dB NOMINAL
INSERTION LOSS
(ASSUMES 6dB IN FILTER)
5-STAGE IF AMPLIFIER
(16dB PER STAGE)
7 FULL-WAVE
RECTIFIER CELLS
LO INPUT
–16dBm
CMOS LOGIC
INPUT
R4
C1
2MHz
LPF
BAND-PASS
FILTER
5
6
1
2
3
4
16
8
7
10
13
9
15
14
12
11
R2
+
C1
1µF
Figure 23. Applications Diagram for Common IFs and Filter Impedances
Table 6. AD608 Filter Termination and Offset-Null Feedback Loop Resistor and Capacitor Values for Common IFs
IF
Filter Impedance
Filter Termination Resistor
Values1 for 24 dB of Mixer Gain
Offset-Null
Feedback Loop Values
R1
R2
R3
R4
C1
C5
450 kHz2
1500 Ω
174 Ω
1330 Ω
1500 Ω
1000 Ω
200 nF
100 nF
455 kHz
1500 Ω
174 Ω
1330 Ω
1500 Ω
1000 Ω
200 nF
100 nF
6.5 MHz
1000 Ω
178 Ω
825 Ω
1000 Ω
100 Ω
18 nF
10 nF
10.7 MHz
330 Ω
330 Ω
0 Ω
330 Ω
100 Ω
18 nF
10 nF
1 Resistor values were calculated so that R1 + R2 = ZFILTER and R1||(R2 + ZFILTER) = 165 Ω.
2 Operation at IFs of 450 kHz and 455 kHz requires use of an external low-pass filter with at least one pole at a cutoff frequency of 90 kHz (a decade below the ripple at 900 kHz).


同様の部品番号 - AD608ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD608AR AD-AD608AR Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
More results

同様の説明 - AD608ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
AD608 AD-AD608_15 Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607 Datasheet
510Kb / 24P
   Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511_97 Datasheet
126Kb / 16P
   Low-Voltage IF Transceiver with Limiter and RSSI
Rev 0; 10/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com