データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5263BRUZ50 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5263BRUZ50
部品情報  Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5263BRUZ50 データシート(HTML) 4 Page - Analog Devices

  AD5263BRUZ50 Datasheet HTML 1Page - Analog Devices AD5263BRUZ50 Datasheet HTML 2Page - Analog Devices AD5263BRUZ50 Datasheet HTML 3Page - Analog Devices AD5263BRUZ50 Datasheet HTML 4Page - Analog Devices AD5263BRUZ50 Datasheet HTML 5Page - Analog Devices AD5263BRUZ50 Datasheet HTML 6Page - Analog Devices AD5263BRUZ50 Datasheet HTML 7Page - Analog Devices AD5263BRUZ50 Datasheet HTML 8Page - Analog Devices AD5263BRUZ50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5263
Data Sheet
Rev. F | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
POWER SUPPLIES
Logic Supply8
V
L
2.7
5.5
V
Power Single-Supply Range
V
DD RANGE
V
SS = 0 V
4.5
16.5
V
Power Dual-Supply Range
V
DD/SS RANGE
±4.5
±7.5
V
Logic Supply Current9
I
L
V
L = +5 V
25
60
µA
Positive Supply Current
I
DD
V
IH = +5 V or VIL = 0 V
1
µA
Negative Supply Current
I
SS
V
SS = –5 V
1
µA
Power Dissipation10
P
DISS
V
IH = +5 V or VIL = 0 V, VDD =
+5 V, V
SS = –5 V
0.6
mW
Power Supply Sensitivity
PSS
∆V
DD = +5 V ± 10%
0.002
0.01
%/%
DYNAMIC CHARACTERISTICS6, 11
Bandwidth (3 dB)
BW
R
AB = 20 kΩ/50 kΩ/200 kΩ
300/150/35
kHz
Total Harmonic Distortion
THD
W
V
A = 1 V rms, VB = 0 V, f = 1 kHz,
R
AB = 20 kΩ
0.05
%
V
W Settling Time
12
t
S
V
A = 10 V, VB = 0 V, ±1 LSB error
band
2
µs
Resistor Noise Voltage
e
N_WB
R
WB = 10 kΩ, f = 1 kHz, RS = 0
9
nV/√Hz
1 Typicals represent average readings at +25°C and V
DD = +5 V, VSS = −5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. IW = VDD/R for both VDD = +5 V and
VSS = –5 V.
3 V
AB = VDD, Wiper (VW) = no connect.
4 INL and DNL are measured at V
W with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 The A, B, and W resistor terminals have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 Measured at the Ax terminals. All Ax terminals are open-circuited in shutdown mode.
8 V
L is limited to VDD or 5.5 V, whichever is less.
9 Worst-case supply current consumed when all logic-input levels set at 2.4 V, standard characteristic of CMOS logic.
10 P
DISS is calculated from IDD × VDD. CMOS logic level inputs result in minimum power dissipation.
11 All dynamic characteristics use V
DD = +5 V, VSS = −5 V, VL = +5 V.
12 Settling time depends on value of V
DD, RL, and CL.


同様の部品番号 - AD5263BRUZ50

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5263BRU20 AD-AD5263BRU20 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU20-REEL7 AD-AD5263BRU20-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200 AD-AD5263BRU200 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU200-REEL7 AD-AD5263BRU200-REEL7 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
AD5263BRU50 AD-AD5263BRU50 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
More results

同様の説明 - AD5263BRUZ50

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com