データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5262BRUZ50-RL7 データシート(PDF) 16 Page - Analog Devices

部品番号 AD5262BRUZ50-RL7
部品情報  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5262BRUZ50-RL7 データシート(HTML) 16 Page - Analog Devices

Back Button AD5262BRUZ50-RL7 Datasheet HTML 12Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 13Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 14Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 15Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 16Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 17Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 18Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 19Page - Analog Devices AD5262BRUZ50-RL7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5260/AD5262
Rev. A | Page 16 of 24
RDAC1
RDAC2
AD5260/AD5262
SDI
CLK
CS
ADDR
DECODE
SERIAL
REGISTER
Figure 48. Equivalent Input Control Logic
The target RDAC latch is loaded with the last eight bits of
the serial data word completing one RDAC update. For the
AD5262, two separate 9-bit data words must be clocked in to
change both VR settings.
During shutdown (SHDN), the SDO output pin is forced to the
off (logic high) state to disable power dissipation in the pull-up
resistor. See
for the equivalent SDO output circuit
schematic.
Figure 49
SDI
CLK
CS
SHDN
PR
SERIAL
REGISTER
DQ
CK
RS
SDO
Figure 49. Detail SDO Output Schematic of the AD5260
All digital inputs are protected with a series input resistor and
parallel Zener ESD structure as shown in Figure 50. This applies
to the CS, SDI, SDO, PR, SHDN, and CLK digital input pins.
340
LOGIC
Figure 50. ESD Protection of Digital Pins
A, B, W
VSS
Figure 51. ESD Protection of Resistor Terminals
DAISY-CHAIN OPERATION
The serial data output (SDO) pin contains an open-drain N-
channel FET. This output requires a pull-up resistor to transfer
data to the SDI pin of the next package. This allows for daisy-
chaining several RDACs from a single processor serial data line.
The pull-up resistor termination voltage can be larger than the
VDD supply voltage. It is recommended to increase the clock
period when using a pull-up resistor to the SDI pin of the
following device in series because capacitive loading at the
daisy-chain node connecting SDO and SDI between devices
may induce time delay to subsequent devices. Users should
be aware of this potential problem to achieve data transfer
successfully (see Figure 52). If two AD5260s are daisy-chained,
this requires a total of 16 bits of data. The first eight bits, complying
with the format shown in Table 2, go to U2, and the second
eight bits with the same format go to U1. The CS pin should be
kept low until all 16 bits are clocked into their respective serial
registers, and the CS pin is then pulled high to complete the
operation.
VDD
CS CLK
SDO
SDI
MOSI
MICRO-
CONTROLLER
SCLK
SS
RP
2.2k
AD5260
AD5260
U1
U2
CS CLK
SDO
SDI
Figure 52. Daisy-Chain Configuration
RDAC STRUCTURE
The RDAC contains a string of equal resistor segments with an
array of analog switches that act as the wiper connection. The
number of positions is the resolution of the device. The AD5260/
AD5262 have 256 connection points, allowing it to provide better
than 0.4% settability resolution. Figure 53 shows an equivalent
structure of the connections between the three terminals that
make up one channel of the RDAC. SWA and SWB are always
on, while one of the switches SW(0) to SW(2N – 1) is on one at a
time, depending on the resistance position decoded from the
data bits. Because the switch is not ideal, there is a 60 Ω wiper
resistance, RW. Wiper resistance is a function of supply voltage
and temperature. The lower the supply voltage is, the higher the
wiper resistance becomes. Similarly, the higher the temperature
is, the higher the wiper resistance becomes. Users should be
aware of the contribution of the wiper resistance when accurate
prediction of the output resistance is needed.
D7
D6
D5
D4
D3
D2
D1
D0
RDAC
LATCH
AND
DECODE
Ax
Wx
Bx
RS = RAB/2N
RS
RS
RS
RS
SHDN
DIGITAL CIRCUITRY
OMITTED FOR CLARITY
Figure 53. Simplified RDAC Architecture
PROGRAMMING THE VARIABLE RESISTOR
Rheostat Operation
The nominal resistances of the RDAC between Terminal A and
Terminal B are available with values of 20 kΩ, 50 kΩ, and 200 kΩ.
The final three digits of the part number determine the nominal
resistance value, for example, 20 kΩ = 20, 50 kΩ = 50, 200 kΩ =
200. The nominal resistance (RAB) of the VR has 256 contact points


同様の部品番号 - AD5262BRUZ50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5262BRU20 AD-AD5262BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU20-REEL7 AD-AD5262BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200 AD-AD5262BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5262BRU50 AD-AD5262BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

同様の説明 - AD5262BRUZ50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com