データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ACT899 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74ACT899
部品情報  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT899 データシート(HTML) 7 Page - Fairchild Semiconductor

  74ACT899 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT899 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
™ circuits outside databook specifications.
DC Electrical Characteristics
Note 3: Maximum of 9 outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±300 mA
Junction Temperature (TJ)140°C
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate
∆V/∆t
125 mV/ns
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = V IL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 3)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 3)
IIN
Maximum Input
5.5
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
IOZ
Maximum 3-STATE
5.5
±0.5
±5.0
µAV
I = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 4)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent
5.5
8.0
80.0
µAV
IN = VCC
Supply Current
or GND


同様の部品番号 - 74ACT899

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74ACT899 NSC-74ACT899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QCQB NSC-74ACT899QCQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QCX NSC-74ACT899QCX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QMQB NSC-74ACT899QMQB Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899QMX NSC-74ACT899QMX Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

同様の説明 - 74ACT899

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com