データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-2212 データシート(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-2212
部品情報  Low Input Current Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2212 データシート(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2212 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Switching Specifications (AC)
For 0
°C ≤ T
A
[1]
≤ 85°C, 4.5 V ≤ V
CC ≤ 20 V, 1.6 mA ≤ IF(ON) ≤ 5 mA, 0.0 mA ≤ IF(OFF) ≤ 0.1 mA.
All Typicals at TA = 25°C, VCC = 5 V, IF(ON) = 3 mA unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time to
tPHL
210
ns
Without Peaking Capacitor
5, 6
4, 5
160
300
With Peaking Capacitor
Propagation Delay Time to
tPLH
170
ns
Without Peaking Capacitor
5, 6
4, 5
115
300
With Peaking Capacitor
Output Enable Time to
tPZH
25
ns
7, 9
Logic High
Output Enable Time to
tPZL
28
ns
7, 8
Logic Low
Output Disable Time from
tPHZ
105
ns
7, 9
Logic High
Output Disable Time from
tPLZ
60
ns
7, 8
Logic Low
Output Rise Time (10-90%)
tr
55
ns
5, 10
Output Fall Time (90-10%)
tf
15
ns
5, 10
Logic Low Output Level
Logic High Output Level
Package Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
V rms
RH
≤50%, t = 1 min.,
3, 8
Withstand Voltage*
TA = 25°C
Input-Output Resistance
RI-O
1012
VI-O = 500 VDC
3
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz, VI-O = 0 VDC
3
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. For
the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your equipment level safety specification
or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E.
Parameter
Sym.
Device
Min.
Units
Test Conditions
Fig.
Note
Logic High
|CMH|IF = 1.6 mA
11
6
Common Mode
VCC = 5 V
Transient
TA = 25°C
Immunity
Logic Low
|CML|VF = 0 V
11
6
Common Mode
VCC = 5 V
Transient
TA = 25°C
Immunity
HCPL-2200
1,000
V/
µs
|VCM| = 50 V
HCPL-2219
2,500
V/
µs
|VCM| = 400 V
HCPL-2200
1,000
V/
µs
|VCM| = 50 V
HCPL-2219
2,500
V/
µs
|VCM| = 400 V


同様の部品番号 - HCPL-2212

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2212 HP-HCPL-2212 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2212 AVAGO-HCPL-2212 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2212 AVAGO-HCPL-2212 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

同様の説明 - HCPL-2212

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com