データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-2212 データシート(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-2212
部品情報  Low Input Current Logic Gate Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2212 データシート(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2212 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCPL-2219 OPTION 060 ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
≤300 V rms
I-IV
for rated mains voltage
≤450 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
630
V peak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
VPR
1181
V peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VIORM x 1.5 = VPR, Type and sample test,
VPR
945
V peak
tm = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, tini = 10 sec)
VIOTM
6000
V peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 12, Thermal Derating curve.)
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


同様の部品番号 - HCPL-2212

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2212 HP-HCPL-2212 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2212 AVAGO-HCPL-2212 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2212 AVAGO-HCPL-2212 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

同様の説明 - HCPL-2212

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-2200 HP-HCPL-2200 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200 Datasheet
210Kb / 14P
   LOW INPUT CURRENT LOGIC GATE OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2219-300E AVAGO-HCPL-2219-300E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
HCPL-2200-000E AVAGO-HCPL-2200-000E Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
logo
Fairchild Semiconductor
FOD2200 FAIRCHILD-FOD2200_08 Datasheet
280Kb / 11P
   Low Input Current Logic Gate Optocouplers
logo
Skyworks Solutions Inc.
OLH5700 SKYWORKS-OLH5700 Datasheet
441Kb / 6P
   Hermetic Low Input Current Optocouplers
June 21, 2017
logo
Fairchild Semiconductor
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com