データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC16501 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74ALVC16501
部品情報  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16501 データシート(HTML) 4 Page - Fairchild Semiconductor

  74ALVC16501 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16501 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16501 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16501 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16501 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16501 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16501 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 5)
Recommended Operating
Conditions (Note 7)
Note 5: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 6: IO Absolute Maximum Rating must be observed.
Note 7: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to 4.6V
Output Voltage (VO) (Note 6)
−0.5V to V
CC +0.5V
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 -1.95
0.65 x VCC
V
2.3 - 2.7
1.7
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
1.65 -1.95
0.35 x VCC
V
2.3 - 2.7
0.7
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 3.6
VCC - 0.2
V
IOH = −4 mA
1.65
1.2
IOH = −6 mA
2.3
2
IOH = −12 mA
2.3
1.7
2.7
2.2
3.0
2.4
IOH = −24 mA
3.0
2
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 3.6
0.2
V
IOL = 4 mA
1.65
0.45
IOL = 6 mA
2.3
0.4
IOL = 12mA
2.3
0.7
2.7
0.4
IOL = 24 mA
3
0.55
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
3.6
±10
µA
ICC
Quiescent Supply Current
VI = VCC or GND, IO = 0
3.6
40
µA
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
3 -3.6
750
µA


同様の部品番号 - 74ALVC16501

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500MTD FAIRCHILD-74ALVC16500MTD Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results

同様の説明 - 74ALVC16501

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16601 FAIRCHILD-74ALVC16601 Datasheet
100Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com