データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC16601 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74ALVC16601
部品情報  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16601 データシート(HTML) 5 Page - Fairchild Semiconductor

  74ALVC16601 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 7Page - Fairchild Semiconductor 74ALVC16601 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Capacitance
Symbol
Parameter
T A = −40°C to +85°C, RL = 500Ω
Units
CL = 50 pF
CL = 30 pF
V CC = 3.3V ± 0.3V
V CC = 2.7V
V CC = 2.5V ± 0.2V
V CC = 1.8V ± 0.15V
Min
Max
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
250
200
200
100
ns
tPHL, tPLH Propagation Delay
1.3
3.4
1.5
4.0
1.0
3.5
1.5
7.0
ns
Bus to Bus
tPHL, tPLH Propagation Delay
1.3
4.0
1.5
4.9
1.0
4.4
1.5
8.8
ns
CLK to Bus
tPHL, tPLH Propagation Delay
1.3
4.0
1.5
4.9
1.0
4.4
1.5
8.8
ns
LE to Bus
tPZL, tPZH
Output Enable Time
1.3
4.3
1.5
5.4
1.0
4.9
1.5
9.8
ns
tPLZ, tPHZ
Output Disable Time
1.3
4.2
1.5
4.7
1.0
4.2
1.5
7.6
ns
tW
Pulse Width
1.5
1.5
1.5
4.0
ns
tS
Setup Time
1.5
1.5
1.5
2.5
ns
tH
Hold Time
1.0
1.0
1.0
1.0
ns
Symbol
Parameter
Conditions
TA = +25°C
Units
VCC
Typical
CIN
Input Capacitance
VI = 0V or VCC
3.3
6
pF
COUT
Output Capacitance
VI = 0V or VCC
3.3
7
pF
CPD
Power Dissipation Capacitance
Outputs Enabled f
= 10 MHz, C
L = 50 pF
3.3
20
pF
2.5
20


同様の部品番号 - 74ALVC16601

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162240T FAIRCHILD-74ALVC162240T Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
logo
ON Semiconductor
74ALVC162244 ONSEMI-74ALVC162244 Datasheet
205Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised November 2001
logo
Fairchild Semiconductor
74ALVC162244GX FAIRCHILD-74ALVC162244GX Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
More results

同様の説明 - 74ALVC16601

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16500 FAIRCHILD-74VCX16500 Datasheet
61Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501 Datasheet
60Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16501 FAIRCHILD-74ALVC16501 Datasheet
84Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16601 FAIRCHILD-74VCX16601 Datasheet
59Kb / 11P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX32500 FAIRCHILD-74VCX32500 Datasheet
148Kb / 9P
   Low Voltage 36-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT Datasheet
423Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com