データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC16721 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74ALVC16721
部品情報  Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC16721 データシート(HTML) 5 Page - Fairchild Semiconductor

  74ALVC16721 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC16721 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC16721 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC16721 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC16721 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC16721 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
TABLE 1. Values for Figure 1
TABLE 2. Variable Matrix
(Input Characteristics: f
= 1MHz; t
r = tf = 2ns; Z0 = 50Ω)
FIGURE 2. Waveform for Inverting
and Non-inverting Functions
FIGURE 3. 3-STATE Output Low Enable
and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output High Enable
and Disable Times for Low Voltage Logic
FIGURE 5. Propagation Delay, Pulse Width
and trec Waveforms
FIGURE 6. Setup Time, Hold Time and Recovery Time
for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VL
tPZH, tPHZ
GND
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
1.8V
± 0.15V
Vmi
1.5V
1.5V
VCC/2
VCC/2
Vmo
1.5V
1.5V
VCC/2
VCC/2
VX
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
VOL + 0.15V
VY
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V
VOH − 0.15V
VL
6V
6V
VCC*2
VCC*2


同様の部品番号 - 74ALVC16721

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ALVC162240 FAIRCHILD-74ALVC162240 Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162240T FAIRCHILD-74ALVC162240T Datasheet
83Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74ALVC162244 FAIRCHILD-74ALVC162244 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
logo
ON Semiconductor
74ALVC162244 ONSEMI-74ALVC162244 Datasheet
205Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised November 2001
logo
Fairchild Semiconductor
74ALVC162244GX FAIRCHILD-74ALVC162244GX Datasheet
98Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistor in Outputs
More results

同様の説明 - 74ALVC16721

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX16721 FAIRCHILD-74VCX16721 Datasheet
60Kb / 7P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX16721 FAIRCHILD-74VCX16721_04 Datasheet
153Kb / 9P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX16821 FAIRCHILD-74VCX16821 Datasheet
145Kb / 9P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74ALVC16821 FAIRCHILD-74ALVC16821 Datasheet
88Kb / 6P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX32374 FAIRCHILD-74VCX32374 Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16841FT TOSHIBA-TC74VCX16841FT Datasheet
379Kb / 11P
   LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162841FT TOSHIBA-TC74VCX162841FT Datasheet
383Kb / 11P
   LOW VOLTAGE 20-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com