データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F163ASCX データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74F163ASCX
部品情報  Synchronous Presettable Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F163ASCX データシート(HTML) 1 Page - Fairchild Semiconductor

  74F163ASCX Datasheet HTML 1Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 2Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 3Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 4Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 5Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 6Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 7Page - Fairchild Semiconductor 74F163ASCX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009486
www.fairchildsemi.com
April 1988
Revised September 2000
74F161A • 74F163A
Synchronous Presettable Binary Counter
General Description
The 74F161A and 74F163A are high-speed synchronous
modulo-16 binary counters. They are synchronously pre-
settable for application in programmable dividers and have
two types of Count Enable inputs plus a Terminal Count
output for versatility in forming synchronous multi-stage
counters. The 74F161A has an asynchronous Master-
Reset input that overrides all other inputs and forces the
outputs LOW. The 74F163A has a Synchronous Reset
input that overrides counting and parallel loading and
allows the outputs to be simultaneously reset on the rising
edge of the clock. The 74F161A and 74F163A are high-
speed versions of the 74F161 and 74F163.
Features
s Synchronous counting and loading
s High-speed synchronous expansion
s Typical count frequency of 120 MHz
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
74F161A
74F163A
Order Number
Package Number
Package Description
74F161ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F161ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F161APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
74F163ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74F163ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F163APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


同様の部品番号 - 74F163ASCX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F163ASC NSC-74F163ASC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F163ASC FAIRCHILD-74F163ASC Datasheet
179Kb / 11P
   Synchronous Presettable Binary Counter
More results

同様の説明 - 74F163ASCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com