データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F245MSA データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74F245MSA
部品情報  Octal Bidirectional Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245MSA データシート(HTML) 3 Page - Fairchild Semiconductor

  74F245MSA Datasheet HTML 1Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 2Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 3Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 4Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 5Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 6Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 7Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 8Page - Fairchild Semiconductor 74F245MSA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
65qC to 150qC
Ambient Temperature under Bias
55qC to 125qC
Junction Temperature under Bias
55qC to 150qC
VCC Pin Potential to Ground Pin
0.5V to 7.0V
Input Voltage (Note 3)
0.5V to 7.0V
Input Current (Note 3)
30 mA to 5.0 mA
Voltage Applied to Output
in HIGH State (with VCC 0V)
Standard Output
0.5V to VCC
3-STATE Output
0.5V to 5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
qC to 70qC
Supply Voltage
4.5V to 5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
1.2
V
Min
IIN 18 mA
VOH
Output HIGH Voltage
10% VCC
2.4
VMin
IOH 3 mA (An)
10% VCC
2.0
IOH 15 mA (Bn)
5% VCC
2.7
IOH 3 mA (An)
VOL
Output LOW Voltage
10% VCC
0.5
VMin
IOL 24 mA (An)
10% VCC
0.55
IOL 64 mA (Bn)
IIH
Input HIGH Current
5.0
PAMax
VIN 2.7V
IBVI
Input HIGH Current Breakdown Test
7.0
PAMax
VIN 7.0V (OE, T/R)
IBVIT
Input HIGH Current Breakdown (I/O)
0.5
mA
Max
VIN 5.5 V (An, Bn)
ICEX
Output HIGH Leakage Current
50
PAMax
VOUT VCC (An, Bn)
VID
Input Leakage
4.75
V
0.0
IID 1.9 PA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
PA0.0
VIOD 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
1.2
mA
Max
VIN 0.5V (T/R, OE)
IIH  IOZH
Output Leakage Current
70
PAMax
VOUT 2.7V (An, Bn)
IIL  IOZL
Output Leakage Current
650
PAMax
VOUT 0.5V (An, Bn)
IOS
Output Short-Circuit Current
60
150
mA
Max
VOUT 0V (An)
100
225
VOUT 0V (Bn)
IZZ
Bus Drainage Test
500
PA0.0V
VOUT 5.25V(An, Bn)
ICCH
Power Supply Current
70
90
mA
Max
VO HIGH
ICCL
Power Supply Current
95
120
mA
Max
VO LOW
ICCZ
Power Supply Current
85
110
mA
Max
VO HIGH Z


同様の部品番号 - 74F245MSA

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F245MSA NSC-74F245MSA Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F245MSA FAIRCHILD-74F245MSA Datasheet
406Kb / 11P
   74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
More results

同様の説明 - 74F245MSA

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com