データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS-1 データシート(PDF) 2 Page - Cooper Bussmann, Inc.

部品番号 TPS-1
部品情報  Telpower짰 Fuses 1 to 70 Amps, 170 Volts DC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COOPER [Cooper Bussmann, Inc.]
ホームページ  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPS-1 データシート(HTML) 2 Page - Cooper Bussmann, Inc.

  TPS-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPS-1 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bussmann
®
Telpower® Fuses
1 to 70 Amps, 170 Volts DC
TPS
1,000
100
10
1
.1
.01
CURRENT IN AMPERES
AMPERE
RATING
Time-Current Characteristic Curve
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this Data Sheet are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has
been selected, it should be tested by the user in all possible applications.
Form No. TPS
Page 2 of 2
Data Sheet: 5009
4-23-03
SB03090


同様の部品番号 - TPS-1

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
TPS-1 COOPER-TPS-1 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPS-1 COOPER-TPS-1 Datasheet
492Kb / 3P
   DC power distribution non-indicating fuses
logo
Renesas Technology Corp
TPS-1 RENESAS-TPS-1 Datasheet
697Kb / 39P
   Single Chip Interface Solution for PROFINET IO Devices
logo
Eaton All Rights Reserv...
TPS-1 EATON-TPS-1 Datasheet
865Kb / 4P
   TPS DC non-indicating power distribution fuses
logo
Cooper Bussmann, Inc.
TPS-10 COOPER-TPS-10 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
More results

同様の説明 - TPS-1

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
TPS-2 COOPER-TPS-2 Datasheet
41Kb / 2P
   Telpower Fuses 1 to 70 Amps, 170 Volts DC
TPA-3 COOPER-TPA-3 Datasheet
63Kb / 2P
   Telpower짰 DC Power Distribution Fuses 170 Volts, DC, 3??0 Amps
logo
Marathon Special Produc...
141X100 MARATHON-141X100 Datasheet
436Kb / 3P
   70 Amps 600 Volts AC/DC
REV 07/02/21
logo
Cooper Bussmann, Inc.
70N-10A COOPER-70N-10A Datasheet
55Kb / 2P
   Telpower짰 Indicating Fuse and Holder 300 Volts DC ??1/10-10A
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Eaton All Rights Reserv...
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Cooper Bussmann, Inc.
W-12 COOPER-W-12 Datasheet
127Kb / 2P
   Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
logo
Marathon Special Produc...
PV10BW MARATHON-PV10BW Datasheet
170Kb / 3P
   30 Amps 1000 Volts DC
REV-D 05-23-17
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com