データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F323 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74F323
部品情報  Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F323 データシート(HTML) 3 Page - Fairchild Semiconductor

  74F323 Datasheet HTML 1Page - Fairchild Semiconductor 74F323 Datasheet HTML 2Page - Fairchild Semiconductor 74F323 Datasheet HTML 3Page - Fairchild Semiconductor 74F323 Datasheet HTML 4Page - Fairchild Semiconductor 74F323 Datasheet HTML 5Page - Fairchild Semiconductor 74F323 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
VMin
IOH = −1 mA (Q0, Q7)
Voltage
10% VCC
2.4
IOH = −3 mA (I/On)
5% VCC
2.7
IOH = −1 mA (Q0, Q7)
5% VCC
2.7
IOH = −3 mA (I/On)
VOL
Output LOW
10% VCC
0.5
VMin
IOL = 20 mA (Q0, Q7)
Voltage
10% VCC
0.5
IOL = 24 mA (I/On)
IIH
Input HIGH Current
5.0
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V (Non I/O Inputs)
Breakdown Test
IBVIT
Input HIGH Current
0.5
mA
Max
VIN = 5.5V (I/O Inputs)
Breakdown (I/O)
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input LOW Current
−0.6
mA
Max
VIN = 0.5V (CP, DS0, DS7, SR, OE1, OE2)
−1.2
mA
Max
VIN = 0.5V (S0, S1)
IOS
Output Short-Circuit Current
−60
−150
mA
Max
VOUT = 0V
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCH
Power Supply Current
68
95
mA
Max
VO = HIGH
ICCL
Power Supply Current
68
95
mA
Max
VO = LOW
ICCZ
Power Supply Current
68
95
mA
Max
VO = HIGH Z


同様の部品番号 - 74F323

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
   8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
More results

同様の説明 - 74F323

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM54LS323 NSC-DM54LS323 Datasheet
152Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
54ACT323 NSC-54ACT323 Datasheet
197Kb / 8P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
ON Semiconductor
MC74AC323 ONSEMI-MC74AC323 Datasheet
302Kb / 8P
   8-INPUT UNIVERSAL SHIFT/ STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
National Semiconductor ...
54LS323 NSC-54LS323 Datasheet
124Kb / 5P
   8-BIT UNIVERSAL SHIFT/STORAGE REGISTER WITH SYNCHRONOUS RESET AND COMMON I/O PINS
logo
Fairchild Semiconductor
74ACT323 FAIRCHILD-74ACT323 Datasheet
55Kb / 6P
   8-Bit Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F323 PHILIPS-74F323 Datasheet
73Kb / 7P
   8-bit universal shift/storage register with synchronous reset and common I/O pins 3-State
1990 Mar 01
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com