データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F366PC データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74F366PC
部品情報  Hex Inverter Buffer with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F366PC データシート(HTML) 3 Page - Fairchild Semiconductor

  74F366PC Datasheet HTML 1Page - Fairchild Semiconductor 74F366PC Datasheet HTML 2Page - Fairchild Semiconductor 74F366PC Datasheet HTML 3Page - Fairchild Semiconductor 74F366PC Datasheet HTML 4Page - Fairchild Semiconductor 74F366PC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
AC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.0
V
Min
IOH = −15 mA
Voltage
VOL
Output LOW
10% VCC
0.55
V
Min
IOL = 64 mA
Voltage
IIH
Input HIGH Current
20
µAMax
VIN = 2.7V
IBVI
Input HIGH Current
100
µAMax
VIN = 7.0V
Breakdown Test
IIL
Input LOW Current
−20
µAMax
VIN = 0.5V
IOZH
Output Leakage Current
50
µAMax
VOUT = 2.7V
IOZL
Output Leakage Current
−50
µAMax
VOUT = 0.5V
IOS
Output Short-Circuit Current
−100
−225
mA
Max
VOUT = 0V
ICEX
Output HIGH Leakage Current
250
µAMax
VOUT = VCC
IZZ
Bus Drainage Test
500
µA0.0V
VOUT = 5.25V
ICCH
Power Supply Current
20
25
mA
Max
VO = HIGH
ICCL
Power Supply Current
49
62
mA
Max
VO = LOW
ICCZ
Power Supply Current
35
48
mA
Max
VO = HIGH Z
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.5
4.0
6.5
2.0
7.5
ns
tPHL
1.01.8
5.01.0
5.5
tPZH
Enable Time (74F366)
2.5
4.2
9.5
2.5
10.0
ns
tPZL
2.54.2
9.02.5
9.5
tPZH
Enable Time (74F368)
2.5
4.2
7.5
2.0
8.5
ns
tPZL
3.05.6
8.53.0
9.0
tPHZ
Disable Time
2.0
3.3
6.5
2.0
7.0
ns
tPLZ
2.04.1
6.52.0
7.0


同様の部品番号 - 74F366PC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F366 PHILIPS-74F366 Datasheet
94Kb / 10P
   Buffers/drivers
1999 Jan 08
More results

同様の説明 - 74F366PC

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
   Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
   Hex Inverter Buffer with 3-State Output
logo
Fairchild Semiconductor
74F365 FAIRCHILD-74F365 Datasheet
40Kb / 4P
   Hex Buffer/Driver with 3-STATE Outputs
logo
STMicroelectronics
M74HC366 STMICROELECTRONICS-M74HC366_01 Datasheet
246Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
logo
NTE Electronics
NTE6885 NTE-NTE6885 Datasheet
32Kb / 4P
   Integrated Circuit Hex 3-State Buffer/Inverter
logo
STMicroelectronics
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
   HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
National Semiconductor ...
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
logo
Texas Instruments
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com