データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F541SJ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74F541SJ
部品情報  Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F541SJ データシート(HTML) 1 Page - Fairchild Semiconductor

  74F541SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F541SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F541SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F541SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F541SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F541SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 1999 Fairchild Semiconductor Corporation
DS009553
www.fairchildsemi.com
April 1988
Revised August 1999
74F540 • 74F541
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The 74F540 and 74F541 are similar in function to the
74F240 and 74F244 respectively, except that the inputs
and outputs are on opposite sides of the package (see
Connection Diagrams). This pinout arrangement makes
these devices especially useful as output ports for micro-
processors, allowing ease of layout and greater PC board
density.
Features
s 3-STATE outputs drive bus lines
s Inputs and outputs opposite side of package, allowing
easier interface to microprocessors
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
74F540
IEEE/IEC
74F541
Connection Diagrams
74F540
74F541
Order Number
Package Number
Package Description
74F540SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F540SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F540PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
74F541SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74F541SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F541PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


同様の部品番号 - 74F541SJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F541SJ NSC-74F541SJ Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F541SJ FAIRCHILD-74F541SJ Datasheet
70Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

同様の説明 - 74F541SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com