データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F552SC データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F552SC
部品情報  Octal Registered Transceiver with Parity and Flags
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F552SC データシート(HTML) 2 Page - Fairchild Semiconductor

  74F552SC Datasheet HTML 1Page - Fairchild Semiconductor 74F552SC Datasheet HTML 2Page - Fairchild Semiconductor 74F552SC Datasheet HTML 3Page - Fairchild Semiconductor 74F552SC Datasheet HTML 4Page - Fairchild Semiconductor 74F552SC Datasheet HTML 5Page - Fairchild Semiconductor 74F552SC Datasheet HTML 6Page - Fairchild Semiconductor 74F552SC Datasheet HTML 7Page - Fairchild Semiconductor 74F552SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Logic Symbols
IEEE/IEC
Unit Loading/Fan Out
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A7
A-to-B Port Data Inputs or
3.5/1.083
70
µA/−0.65 mA
B-to-A 3-STATE
150/40 (33.3)
−3 mA/24 mA (20 mA)
B0–B7
B-to-A Transceiver Inputs or
3.5/1.083
70
µA/−0.65 mA
A-to-B 3-STATE Output
600/106.6 (80)
−12 mA/64 mA (48 mA)
FR
B Port Flag Output
50/33.3
−1 mA/20 mA
FS
A Port Flag Output
50/33.3
−1 mA/20 mA
PARITY
Parity Bit Transceiver Input or Output
3.5/1.083
70
µA/−0.65 mA
600/106.6 (50)
−12 mA/64 mA (48 mA)
ERROR
Parity Check Output (Active LOW)
50/33.3
−1 mA/20 mA
CER
R Registers Clock Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
CES
S Registers Clock Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
CPR
R Registers Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
CPS
S Registers Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
OEBR
B Port and PARITY Output Enable (Active LOW)
1.0/2.0
20
µA/−1.2 mA
and Clear FR Input (Active Rising Edge)
OEAS
A Port Output Enable (Active LOW)
1.0/2.0
20
µA/−1.2 mA
and Clear FS Input (Active Rising Edge)


同様の部品番号 - 74F552SC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F552 PHILIPS-74F552 Datasheet
115Kb / 14P
   Octal registered transceiver with parity and flags 3-State
1991 Jan 02
More results

同様の説明 - 74F552SC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F552 PHILIPS-74F552 Datasheet
115Kb / 14P
   Octal registered transceiver with parity and flags 3-State
1991 Jan 02
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543_00 Datasheet
78Kb / 7P
   Octal Registered Transceiver
logo
National Semiconductor ...
74FCT543A NSC-74FCT543A Datasheet
427Kb / 5P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
logo
National Semiconductor ...
54F544DM NSC-54F544DM Datasheet
186Kb / 10P
   Octal Registered Transceiver
logo
Fairchild Semiconductor
74F543 FAIRCHILD-74F543 Datasheet
67Kb / 7P
   Octal Registered Transceiver
74F544 FAIRCHILD-74F544 Datasheet
57Kb / 6P
   Octal Registered Transceiver
logo
Texas Instruments
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com