データシートサーチシステム |
|
74F563SC データシート(PDF) 1 Page - Fairchild Semiconductor |
|
74F563SC データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 1999 Fairchild Semiconductor Corporation DS009562 www.fairchildsemi.com April 1988 Revised August 1999 74F563 Octal D-Type Latch with 3-STATE Outputs General Description The 74F563 is a high-speed octal latch with buffered com- mon Latch Enable (LE) and buffered common Output Enable (OE) inputs. This device is functionally identical to the 74F573, but has inverted outputs. Features s Inputs and outputs on opposite sides of package allowing easy interface with microprocessors s Useful as input or output port for microprocessors s Functionally identical to 74F573 Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Logic Symbols IEEE/IEC Connection Diagram Order Number Package Number Package Description 74F563SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 74F563SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74F563PC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide |
同様の部品番号 - 74F563SC |
|
同様の説明 - 74F563SC |