データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F573 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74F573
部品情報  Octal D-Type Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F573 データシート(HTML) 4 Page - Fairchild Semiconductor

  74F573 Datasheet HTML 1Page - Fairchild Semiconductor 74F573 Datasheet HTML 2Page - Fairchild Semiconductor 74F573 Datasheet HTML 3Page - Fairchild Semiconductor 74F573 Datasheet HTML 4Page - Fairchild Semiconductor 74F573 Datasheet HTML 5Page - Fairchild Semiconductor 74F573 Datasheet HTML 6Page - Fairchild Semiconductor 74F573 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
5.3
7.0
3.0
9.0
3.0
8.0
ns
tPHL
Dn to On
2.03.7
6.02.0
7.02.0
6.5
tPLH
Propagation Delay
5.0
9.0
11.0
5.0
13.5
5.0
12.0
ns
tPHL
LE to On
3.05.2
7.03.0
7.53.0
7.0
tPZH
Output Enable Time
2.0
5.0
8.0
2.0
10.0
2.0
9.0
ns
tPZL
2.0
5.6
8.5
2.0
10.0
2.0
9.5
tPHZ
Output Disable Time
1.5
4.5
5.5
1.5
7.0
1.5
6.5
tPLZ
1.53.8
5.51.5
5.51.5
5.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.0
2.0
2.0
ns
tS(L)
Dn to LE
2.0
2.0
2.0
tH(H)
Hold Time, HIGH or LOW
3.0
3.0
3.0
tH(L)
Dn to LE
3.5
4.0
3.5
tW(H)
LE Pulse Width, HIGH
4.0
4.0
4.0
ns


同様の部品番号 - 74F573

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F573 NSC-74F573 Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74F573 PHILIPS-74F573 Datasheet
107Kb / 14P
   Octal transparent latch 3-State
1989 Oct 16
logo
Texas Instruments
74F573 TI-74F573 Datasheet
373Kb / 10P
[Old version datasheet]   54F573 74F573 Octal D-Type Latch with TRI-STATE(RM) Outputs
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
National Semiconductor ...
74F573DCQB NSC-74F573DCQB Datasheet
166Kb / 8P
   Octal D-Type Latch with TRI-STATE Outputs
More results

同様の説明 - 74F573

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com