データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F657 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74F657
部品情報  Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F657 データシート(HTML) 5 Page - Fairchild Semiconductor

  74F657 Datasheet HTML 1Page - Fairchild Semiconductor 74F657 Datasheet HTML 2Page - Fairchild Semiconductor 74F657 Datasheet HTML 3Page - Fairchild Semiconductor 74F657 Datasheet HTML 4Page - Fairchild Semiconductor 74F657 Datasheet HTML 5Page - Fairchild Semiconductor 74F657 Datasheet HTML 6Page - Fairchild Semiconductor 74F657 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 3: These delay times reflect the 3-STATE recovery time only and not the signal time through the buffers or the parity check circuity. To assure VALID
information at the ERROR pin, time must be allowed for the signal to propagate through the drivers (B to A), through the parity check circuitry (same as A to
PARITY), and to the ERROR output after the ERROR pin has been enabled (Output Enable times). VALID data at the ERROR pin
≥ (A to PARITY) + (Output
Enable Time).
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
2.5
4.5
8.0
2.5
9.5
2.5
9.0
ns
tPHL
An to Bn, Bn to An
3.0
4.9
7.5
3.0
8.5
3.0
8.0
tPLH
Propagation Delay
6.5
10.1
14.0
5.5
18.0
6.0
16.0
ns
tPHL
An to Parity
7.0
10.9
15.0
5.5
20.5
6.0
16.5
tPLH
Propagation Delay
4.5
7.8
11.0
4.0
14.0
4.0
13.0
ns
tPHL
ODD/EVEN to PARITY
4.5
8.8
12.0
4.5
16.5
4.5
13.5
tPLH
Propagation Delay
4.5
7.5
11.0
4.0
14.0
4.0
13.0
ns
tPHL
ODD/EVEN to ERROR
4.5
8.2
12.0
4.5
16.5
4.5
13.5
tPLH
Propagation Delay
8.0
14.0
20.5
7.5
27.0
7.5
23.0
ns
tPHL
Bn to ERROR
8.0
15.0
21.5
7.5
28.5
7.5
23.5
tPLH
Propagation Delay
7.0
10.8
15.5
6.0
20.0
6.0
17.0
ns
tPHL
PARITY to ERROR
7.5
11.8
16.5
6.5
22.0
7.5
18.5
tPZH
Output Enable Time
3.0
5.0
8.0
2.5
11.0
2.5
9.5
ns
tPZL
OE to An/Bn
4.0
6.5
10.0
3.5
13.5
3.5
11.0
tPHZ
Output Disable Time
1.0
4.5
8.0
1.0
9.5
1.0
9.0
ns
tPLZ
OE to An/Bn
1.0
4.9
7.5
1.0
8.5
1.0
8.0
tPZH
Output Enable Time
3.0
5.0
8.0
2.5
11.0
2.5
9.5
ns
tPZL
OE to ERROR (Note 3)
4.0
7.7
10.0
3.5
13.5
3.5
11.0
tPHZ
Output Disable Time
1.0
4.5
8.0
1.0
9.5
1.0
9.0
ns
tPLZ
OE to ERROR
1.0
4.9
7.5
1.0
8.5
1.0
8.0
tPZH
Output Enable Time
3.0
5.0
8.0
2.5
11.0
2.5
9.5
ns
tPZL
OE to PARITY
4.0
7.7
10.0
3.5
13.5
3.5
11.0
tPHZ
Output Disable Time
1.0
4.6
8.0
1.0
9.5
1.0
9.0
ns
tPLZ
OE to PARITY
1.0
5.1
7.5
1.0
8.5
1.0
8.0


同様の部品番号 - 74F657

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74F657 PHILIPS-74F657 Datasheet
109Kb / 12P
   Octal transceiver with 8-bit parit generator/checker
1990 Jul 30
logo
Texas Instruments
74F657 TI1-74F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
More results

同様の説明 - 74F657

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
Fairchild Semiconductor
74ACQ657 FAIRCHILD-74ACQ657 Datasheet
96Kb / 10P
   Quiet Series??Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Texas Instruments
74ACT11657 TI1-74ACT11657 Datasheet
120Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN64BCT657 TI1-SN64BCT657 Datasheet
127Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI-SN74F657 Datasheet
230Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74BCT657 TI1-SN74BCT657 Datasheet
241Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
SN74F657 TI1-SN74F657_14 Datasheet
248Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
logo
National Semiconductor ...
54ACTQ657 NSC-54ACTQ657 Datasheet
229Kb / 10P
   Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
logo
Texas Instruments
54F657 TI1-54F657 Datasheet
425Kb / 12P
[Old version datasheet]   54F657 74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE(RM) Outputs
logo
NXP Semiconductors
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com