データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F648SPC データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74F648SPC
部品情報  Octal Transceiver/Register with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F648SPC データシート(HTML) 7 Page - Fairchild Semiconductor

  74F648SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 7Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 8Page - Fairchild Semiconductor 74F648SPC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics 74F646B
AC Operating Requirements 74F646B
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
165
150
MHz
tPLH
Propagation Delay
2.5
7.0
2.5
8.0
ns
tPHL
Clock to Bus
3.0
7.5
3.0
8.0
tPLH
Propagation Delay
2.0
6.0
2.0
7.0
ns
tPHL
Bus to Bus
2.0
6.0
2.0
7.0
tPLH
Propagation Delay
2.5
7.5
2.5
8.5
ns
tPHL
SBA or SAB to A or B
2.5
7.5
2.5
8.5
tPZH
Enable Time
2.5
6.5
2.5
8.0
ns
tPZL
OE to A or B
2.5
9.0
2.5
10.0
tPHZ
Disable Time
1.5
6.5
1.5
7.5
ns
tPLZ
OE to A or B
2.07.0
2.08.5
tPZH
Enable Time
2.0
7.0
2.0
8.5
ns
tPZL
DIR to A or B
3.0
9.5
3.0
10.0
tPHZ
Disable Time
1.5
7.5
1.5
8.5
ns
tPLZ
DIR to A or B
2.5
8.5
2.5
9.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
5.0
4.0
ns
tS(L)
Bus to Clock
5.0
4.0
tH(H)
Hold Time, HIGH or LOW
1.5
1.5
ns
tH(L)
Bus to Clock
1.5
1.5
tW(H)
Clock Pulse Width
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0


同様の部品番号 - 74F648SPC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F648SPC NSC-74F648SPC Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F648SPCQB NSC-74F648SPCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F648SPCX NSC-74F648SPCX Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

同様の説明 - 74F648SPC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com