データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F825SPC データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F825SPC
部品情報  8-Bit D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F825SPC データシート(HTML) 2 Page - Fairchild Semiconductor

  74F825SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F825SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F825SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F825SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F825SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F825SPC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F825 consists of eight D-type edge-triggered flip-
flops. This device has 3-STATE true outputs and is orga-
nized in broadside pinning. In addition to the clock and out-
put enable pins, the buffered clock (CP) and buffered
Output Enable (OE) are common to all flip-flops. The flip-
flops will store the state of their individual D inputs that
meet the setup and hold times requirements on the LOW-
to-HIGH CP transition. With the OE LOW the contents of
the flip-flops are available at the outputs. When the OE is
HIGH, the outputs go to the high impedance state. Opera-
tion of the OE input does not affect the state of the flip-
flops. The 74F825 has Clear (CLR) and Clock Enable (EN)
pins.
When the CLR is LOW and the OE is LOW the outputs are
LOW. When CLR is HIGH, data can be entered into the flip-
flops. When EN is LOW, data on the inputs is transferred to
the outputs on the LOW-to-HIGH clock transition. When
the EN is HIGH the outputs do not change state, regard-
less of the data or clock input transitions.
Function Table
L
= LOW Voltage Level
Z
= High Impedance
H
= HIGH Voltage Level
 = LOW-to-HIGH Transition
X
= Immaterial
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D7
Data Inputs
1.0/1.0
20
µA/−0.6 mA
O0–O7
3-STATE Data Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
OE1, OE2, OE3
Output Enable Input
1.0/1.0
20
µA/−0.6 mA
EN
Clock Enable
1.0/1.0
20
µA/−0.6 mA
CLR
Clear
1.0/1.0
20
µA/−0.6 mA
CP
Clock Input
1.0/2.0
20
µA/−1.2 mA
Inputs
Internal Output
Function
OE CLR EN CP D
Q
O
HHL
H
X
NC
Z
Hold
HHL
L
X
NC
Z
Hold
H
H
H
X
X
NC
Z
Hold
LH
H
X
X
NC
NC
Hold
H
L
X
X
X
H
Z
Clear
L
L
X
X
X
H
L
Clear
HHL
 L
H
Z
Load
HHL
 H
L
Z
Load
LH
L
 L
H
L
Data Available
LH
L
 H
L
H
Data Available
L
H
L
H
X
NC
NC
No Change in Data
L
H
L
L
X
NC
NC
No Change in Data


同様の部品番号 - 74F825SPC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F825SPC NSC-74F825SPC Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74F825SPC FAIRCHILD-74F825SPC Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
More results

同様の説明 - 74F825SPC

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT825 FAIRCHILD-74ACT825 Datasheet
74Kb / 7P
   8-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825_00 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com