データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744325120 データシート(PDF) 7 Page - Analog Devices

部品番号 744325120
部品情報  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

744325120 データシート(HTML) 7 Page - Analog Devices

Back Button 744325120 Datasheet HTML 3Page - Analog Devices 744325120 Datasheet HTML 4Page - Analog Devices 744325120 Datasheet HTML 5Page - Analog Devices 744325120 Datasheet HTML 6Page - Analog Devices 744325120 Datasheet HTML 7Page - Analog Devices 744325120 Datasheet HTML 8Page - Analog Devices 744325120 Datasheet HTML 9Page - Analog Devices 744325120 Datasheet HTML 10Page - Analog Devices 744325120 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP2384
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VIN = 12 V, VOUT = 3.3 V, L = 3.3 µH, COUT = 47 µF × 2, fSW = 600 kHz, unless otherwise noted.
100
50
55
60
65
70
75
80
85
90
95
0
4.0
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
INDUCTOR: FDVE1040-3R3M
1.0
2.0
3.5
2.5
1.5
0.5
3.0
Figure 4. Efficiency at VIN = 12 V, fSW = 600 kHz
4.0
1.0
2.0
3.5
2.5
1.5
0.5
3.0
100
50
55
60
65
70
75
80
85
90
95
0
OUTPUT CURRENT (A)
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
INDUCTOR: FDVE1040-3R3M
Figure 5. Efficiency at VIN = 18 V, fSW = 600 kHz
20
8
12
18
14
10
6
16
100
50
60
70
80
90
4
INPUT VOLTAGE (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 6. Shutdown Current vs. VIN
4.0
1.0
2.0
3.5
2.5
1.5
0.5
3.0
100
50
55
60
65
70
75
80
85
90
95
0
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
INDUCTOR: FDVE1040-6R8M
Figure 7. Efficiency at VIN = 12 V, fSW = 300 kHz
4.0
1.0
2.0
3.5
2.5
1.5
0.5
3.0
100
50
55
60
65
70
75
80
85
90
95
0
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
INDUCTOR: FDVE1040-1R5M
Figure 8. Efficiency at VIN = 5 V, fSW = 600 kHz
20
8
12
18
14
10
6
16
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
4
INPUT VOLTAGE (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 9. Quiescent Current vs. VIN


同様の部品番号 - 744325120

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744325120 WURTH-744325120 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

同様の説明 - 744325120

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com