データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744325180 データシート(PDF) 10 Page - Analog Devices

部品番号 744325180
部品情報  20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

744325180 データシート(HTML) 10 Page - Analog Devices

Back Button 744325180 Datasheet HTML 6Page - Analog Devices 744325180 Datasheet HTML 7Page - Analog Devices 744325180 Datasheet HTML 8Page - Analog Devices 744325180 Datasheet HTML 9Page - Analog Devices 744325180 Datasheet HTML 10Page - Analog Devices 744325180 Datasheet HTML 11Page - Analog Devices 744325180 Datasheet HTML 12Page - Analog Devices 744325180 Datasheet HTML 13Page - Analog Devices 744325180 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP2384
Data Sheet
Rev. 0 | Page 10 of 24
CH1 100mV
M200µs
A CH4
2.52A
1
4
T 70.40%
B
W
CH4 2.00A
VOUT (AC)
IOUT
Figure 22. Load Transient Response, 1 A to 4 A
CH1 2.00V
CH2 10.0V
M4.00ms
A CH1
1.48V
4
1
2
T 30.40%
B
W
CH4 5.00A
VOUT
SW
IL
Figure 23. Output Short Entry
5
0
1
2
3
4
45
55
65
75
85
95
105
AMBIENT TEMPERATURE (°C)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 24. Output Current vs. Ambient Temperature at VIN = 12 V,
fSW = 600 kHz
CH1 20.0mV
CH2 10.0V
M1.00ms
A CH3
12.0V
1
2
3
T 30.00%
CH3 5.00V
IL
VOUT (AC)
VIN
SW
B
W
B
W
B
W
Figure 25. Line Transient Response, VIN from 8 V to 14 V, IOUT = 4 A
CH2 10.0V
CH4 5.00A
CH1 2.00V BW
M4.00ms
A CH1
1.72V
4
1
2
T 78.80%
VOUT
SW
IL
Figure 26. Output Short Recovery
5
0
1
2
3
4
45
55
65
75
85
95
105
AMBIENT TEMPERATURE (°C)
VOUT = 1V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 27. Output Current vs. Ambient Temperature at VIN = 12 V,
fSW = 300 kHz


同様の部品番号 - 744325180

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744325180 WURTH-744325180 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

同様の説明 - 744325180

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
   2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com