データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB22NM60N データシート(PDF) 10 Page - STMicroelectronics

部品番号 STB22NM60N
部品情報  N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB22NM60N データシート(HTML) 10 Page - STMicroelectronics

Back Button STB22NM60N Datasheet HTML 6Page - STMicroelectronics STB22NM60N Datasheet HTML 7Page - STMicroelectronics STB22NM60N Datasheet HTML 8Page - STMicroelectronics STB22NM60N Datasheet HTML 9Page - STMicroelectronics STB22NM60N Datasheet HTML 10Page - STMicroelectronics STB22NM60N Datasheet HTML 11Page - STMicroelectronics STB22NM60N Datasheet HTML 12Page - STMicroelectronics STB22NM60N Datasheet HTML 13Page - STMicroelectronics STB22NM60N Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Package mechanical data
STB/F/I/P/W22NM60N
10/23
Doc ID 15853 Rev 4
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


同様の部品番号 - STB22NM60N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STB22NM60N ISC-STB22NM60N Datasheet
278Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

同様の説明 - STB22NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
   N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
STL24NM60N STMICROELECTRONICS-STL24NM60N Datasheet
564Kb / 14P
   N-channel 600 V, 0.200 廓, 16 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
   N-channel 600 V, 0.05 廓, 45 A TO-247 MDmesh??II Power MOSFET
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
   N-channel 600 V, 0.075 廓, 35 A MDmesh??II Power MOSFET TO-247
STB24NM60N STMICROELECTRONICS-STB24NM60N Datasheet
899Kb / 15P
   N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
February 2011 Rev 1
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in I짼PAKFP package
May 2012 Rev 4
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
   N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com