データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX08SJ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74LCX08SJ
部品情報  Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX08SJ データシート(HTML) 2 Page - Fairchild Semiconductor

  74LCX08SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagrams
Pin Assignments for SOIC, SOP, and TSSOP
Pad Assignments for DQFN
(Top View)
Pin Names
Description
An, Bn
Inputs
On
Outputs


同様の部品番号 - 74LCX08SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX08SJ FAIRCHILD-74LCX08SJ Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08SJ ONSEMI-74LCX08SJ Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08SJX FAIRCHILD-74LCX08SJX Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08SJ FAIRCHILD-74LCX08SJ_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results

同様の説明 - 74LCX08SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08 ONSEMI-74LCX08 Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
   Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F Datasheet
251Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com