データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX11 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74LCX11
部品情報  Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX11 データシート(HTML) 4 Page - Fairchild Semiconductor

  74LCX11 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
TA 40qC to 85qC, RL 500 :
Units
VCC 3.3V r 0.3V
VCC 2.7V
VCC 2.5V r 0.2V
CL 50 pF
CL 50 pF
CL 30pF
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.5
6.0
1.5
7.0
1.5
7.2
ns
tPHL
1.5
6.0
1.5
7.0
1.5
7.2
tOSLH
Output to Output Skew
1.0
ns
tOSHL
(Note 6)
1.0
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
VOLV
Quiet Output Dynamic Peak VOL
CL 50 pF, VIH 3.3V, VIL 0V
3.3
0.8
V
CL 30 pF, VIH 2.5V, VIL 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC Open, VI 0V or VCC
7pF
COUT
Output Capacitance
VCC 3.3V, VI 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC 3.3V, VI 0V or VCC, f 10 MHz
25
pF


同様の部品番号 - 74LCX11

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX112 FAIRCHILD-74LCX112 Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
74LCX112 FAIRCHILD-74LCX112 Datasheet
102Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX112 ONSEMI-74LCX112 Datasheet
205Kb / 11P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
Revised February 2001
logo
Fairchild Semiconductor
74LCX112M FAIRCHILD-74LCX112M Datasheet
99Kb / 9P
   Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
More results

同様の説明 - 74LCX11

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX11 FAIRCHILD-74LCX11_08 Datasheet
798Kb / 13P
   Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX11 ONSEMI-74LCX11 Datasheet
683Kb / 13P
   Low Voltage Triple 3-Input AND Gate 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX11MTCX FAIRCHILD-74LCX11MTCX Datasheet
798Kb / 13P
   74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27 Datasheet
92Kb / 8P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
74LCX10 FAIRCHILD-74LCX10 Datasheet
107Kb / 8P
   Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs
74LCX27 FAIRCHILD-74LCX27_05 Datasheet
110Kb / 9P
   Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX27 STMICROELECTRONICS-74LVX27 Datasheet
128Kb / 8P
   LOW VOLTAGE CMOS TRIPLE 3 INPUT NOR GATE WITH 5V TOLERANT INPUTS
July 2001
74LVX27 STMICROELECTRONICS-74LVX27_04 Datasheet
212Kb / 11P
   LOW VOLTAGE CMOS TRIPLE 3-INPUT NOR GATE WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com