データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX16652 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74LCX16652
部品情報  Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16652 データシート(HTML) 3 Page - Fairchild Semiconductor

  74LCX16652 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16652 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Functional Description
In the transceiver mode, data present at the HIGH imped-
ance port may be stored in either the A or B register or
both.
The select (SABn, SBAn) controls can multiplex stored and
real-time.
The examples below demonstrate the four fundamental
bus-management functions that can be performed with the
74LCX16652.
Data on the A or B data bus, or both can be stored in the
internal D flip-flop by LOW-to-HIGH transitions at the
appropriate Clock Inputs (CPABn, CPBAn) regardless of
the Select or Output Enable Inputs. When SAB and SBA
are in the real time transfer mode, it is also possible to
store data without using the internal D flip-flops by simulta-
neously enabling OEABn and OEBAn. In this configuration
each Output reinforces its Input. Thus when all other data
sources to the two sets of bus lines are in a HIGH imped-
ance state, each set of bus lines will remain at its last state.
Real-Time
Transfer Bus B to Bus A
Real-Time
Transfer Bus A to Bus B
Transfer Storage
Data to A or B
Storage
OEAB1 OEBA1 CPAB1 CPBA1 SAB1 SBA1
LL
X
X
X
L
OEAB1 OEBA1 CPAB1 CPBA1 SAB1 SBA1
HH
X
X
L
X
OEAB1 OEBA1 CPAB1 CPBA1 SAB1 SBA1
H
L
H or L
H or L
H
H
OEAB1 OEBA1 CPAB1 CPBA1 SAB1 SBA1
XH

XX
X
LX
X

XX
LH

XX


同様の部品番号 - 74LCX16652

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652MEA FAIRCHILD-74LCX16652MEA Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652MTD FAIRCHILD-74LCX16652MTD Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
More results

同様の説明 - 74LCX16652

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX16646 FAIRCHILD-74LCX16646 Datasheet
123Kb / 10P
   Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
logo
Toshiba Semiconductor
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com