データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX32373GX データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74LCX32373GX
部品情報  Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX32373GX データシート(HTML) 5 Page - Fairchild Semiconductor

  74LCX32373GX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX32373GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: Outputs disabled or 3-STATE only.
AC Electrical Characteristics
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
20
µA
3.6V
≤ VI, VO ≤ 5.5V (Note 6)
2.3
− 3.6
±20
∆ICC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
5.4
1.5
5.9
1.5
6.5
ns
tPLH
In to On
1.5
5.4
1.5
5.9
1.5
6.5
tPHL
Propagation Delay
1.5
5.5
1.5
6.4
1.5
6.6
ns
tPLH
LE to On
1.5
5.5
1.5
6.4
1.5
6.6
tPZL
Output Enable Time
1.5
6.1
1.5
6.5
1.5
7.9
ns
tPZH
1.5
6.1
1.5
6.5
1.5
7.9
tPLZ
Output Disable Time
1.5
6.0
1.5
6.3
1.5
7.2
ns
tPHZ
1.5
6.0
1.5
6.3
1.5
7.2
tS
Setup Time, In to LE
2.5
2.5
3.0
ns
tH
Hold Time, In to LE
1.5
1.5
2.0
ns
tW
LE Pulse Width
3.0
3.0
3.5
ns
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


同様の部品番号 - 74LCX32373GX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX32374 FAIRCHILD-74LCX32374 Datasheet
189Kb / 8P
   Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
74LCX32374GX FAIRCHILD-74LCX32374GX Datasheet
189Kb / 8P
   Low Voltage 32-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Preliminary
More results

同様の説明 - 74LCX32373GX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373 Datasheet
747Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com