データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCX373WM データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 74LCX373WM
部品情報  Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX373WM データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button 74LCX373WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 9Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 10Page - Fairchild Semiconductor 74LCX373WM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
www.fairchildsemi.com
74LCX373 Rev. 2.0.0
AC Loading and Waveforms (Generic for LCX Family)
Figure 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and
Non-Inverting Functions
Propagation Delay, Pulse Width and
trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and
Recovery Time for Logic
trise and tfall
Figure 2. Waveforms (Input Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH, tPHZ
GND
VCC
DUT
CL
500
500
OPEN
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
GND
VI
TEST
SIGNAL
VCC
GND
DATA
IN
DATA
OUT
tpxx
tpxx
Vmi
Vmo
VCC
GND
CONTROL
IN
CLOCK
OUTPUT
tPHL
tPLH
trec
tW
Vmi
Vmi
Vmo
Vmo
VCC
VX
VOL
GND
DATA
OUT
OUTPUT
CONTROL
tPZL
tPLZ
Vmi
Vmo
DATA
OUT
OUTPUT
CONTROL
tPZH
tPHZ
VCC
GND
Vmi
VOH
VY
Vmo
DATA
IN
CONTROL
INPUT
MR
OR
CLEAR
tS
tS
tH
trec
VCC
GND
VCC
GND
Vmi
Vmi
Vmi
ANY
OUTPUT
tr
tf
VOH
VOL
10%
10%
90%
90%
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC / 2
Vmo
1.5V
1.5V
VCC / 2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V


同様の部品番号 - 74LCX373WM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX373WM FAIRCHILD-74LCX373WM Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373WM ONSEMI-74LCX373WM Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
More results

同様の説明 - 74LCX373WM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCX373 FAIRCHILD-74LCX373_08 Datasheet
670Kb / 15P
   Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX373 ONSEMI-74LCX373 Datasheet
689Kb / 17P
   Low Voltage Octal Transparent Latch 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.8.1
logo
Fairchild Semiconductor
74LCX573 FAIRCHILD-74LCX573_08 Datasheet
681Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX573 FAIRCHILD-74LCX573 Datasheet
753Kb / 14P
   Low Voltage Octal Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16373 NSC-54LCX16373 Datasheet
106Kb / 5P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX841 FAIRCHILD-74LCX841 Datasheet
88Kb / 8P
   Low Voltage 10-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16373 FAIRCHILD-74LCX16373 Datasheet
75Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
79Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX16373 ONSEMI-74LCX16373 Datasheet
237Kb / 12P
   Low Voltage 16-Bit Transparent Latch 5V Tolerant Inputs and Outputs
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com