データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCXH16244MEA データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74LCXH16244MEA
部品情報  Low Voltage 16-Bit Buffer/Line Driver with Bushold
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16244MEA データシート(HTML) 3 Page - Fairchild Semiconductor

  74LCXH16244MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16244MEA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating Conditions (Note 3)
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated
at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom-
mended Operating Conditions” table will define the conditions for actual device operation.
Note 2: IO Absolute Maximum Rating must be observed.
Note 3: Floating or unused control inputs must be held HIGH or LOW.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
OE
−0.5 to +7.0
V
I0 - I15
−0.5 to V
CC + 0.5
VO
DC Output Voltage
−0.5 to +7.0
Output in 3-STATE
V
−0.5 to V
CC + 0.5
Output in HIGH or LOW State (Note 2)
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature
−65 to +150
°C
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
Operating
2.0
3.6
V
Data Retention
1.5
3.6
VI
Input Voltage
0VCC
V
VO
Output Voltage
HIGH or LOW State
0
VCC
V
3-STATE
0
5.5
IOH/IOL
Output Current
VCC = 3.0V − 3.6V
±24
mA
VCC = 2.7V − 3.0V
±12
VCC = 2.3V − 2.7V
±8
TA
Free-Air Operating Temperature
−40
85
°C
∆t/∆V
Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V
0
10
ns/V
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100 µA2.3 − 3.6
VCC − 0.2
V
IOH = −8 mA
2.3
1.8
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA2.3 − 3.6
0.2
V
IOL = 8 mA
2.3
0.6
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
Data
VI = VCC or GND
2.3
− 3.6
±5.0
µA
Control
0
≤ V
I ≤ 5.5
2.3
− 3.6
±5.0


同様の部品番号 - 74LCXH16244MEA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH16244MEA FAIRCHILD-74LCXH16244MEA Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74LCXH16244MEA ONSEMI-74LCXH16244MEA Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results

同様の説明 - 74LCXH16244MEA

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16240 FAIRCHILD-74ALVCH16240 Datasheet
85Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
74VCXH16240 FAIRCHILD-74VCXH16240 Datasheet
76Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold
logo
Toshiba Semiconductor
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244 Datasheet
77Kb / 7P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26W Series Resistor in Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com