データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1902 データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL1902
部品情報  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1902 データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL1902 Datasheet HTML 5Page - Intersil Corporation ISL1902 Datasheet HTML 6Page - Intersil Corporation ISL1902 Datasheet HTML 7Page - Intersil Corporation ISL1902 Datasheet HTML 8Page - Intersil Corporation ISL1902 Datasheet HTML 9Page - Intersil Corporation ISL1902 Datasheet HTML 10Page - Intersil Corporation ISL1902 Datasheet HTML 11Page - Intersil Corporation ISL1902 Datasheet HTML 12Page - Intersil Corporation ISL1902 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ISL1902
9
FN7981.2
March 20, 2013
PULSE WIDTH MODULATOR
PWM Restart Delay Range
8V < VDD< 26V
0.2
2.0
µs
PWM Restart Cycle Delay
RDELADJ = 20.0k
Ω, 8V < VDD< 26V
240
280
320
ns
RDELADJ = 210k
Ω, 8V < VDD< 26V
2.00
2.20
2.40
µs
Maximum Frequency Clamp
RRAMP = 100Ω, RAMP = 2V,
8V < VDD< 26V
0.7
1.0
1.2
MHz
Minimum Frequency Clamp
RRAMP = 23kΩ, 8V < VDD< 26V
20
25
31
kHz
Minimum Duty Cycle
8V < VDD< 26V, COMP = 0V
0
%
Minimum Non-Zero Output Duration
8V < VDD< 26V
70
100
130
ns
Zero Current (CrCm) Detector Threshold, Falling
8V < VDD< 26V
728
mV
VERR to PWM Gain
8V < VDD< 26V
0.200
V/V
SS to PWM Gain
8V < VDD< 26V
0.222
V/V
ERROR AMPLIFIERS (EA1 AND EA2)
Input Common Mode (CM) Range
(Note 8)
03.4
V
GBWP
(Note 8)
1.9
MHz
VERR VOL EA1
IVERR = 6mA, 8V < VDD< 26V
0.950
V
VERR VOL EA2
IVERR = 4mA, 8V < VDD< 26V
0.950
V
VERR VOH
IVERR = 1mA (Ext. pull-up)
SS complete
3.90
4.00
4.20
V
Open Loop Gain
(Note 8)
70
dB
Offset Voltage (VOS)
8V < VDD< 26V
-7.5
7.5
mV
Input Bias Current, FB1
REFIN = 0.5V, FB1 = 2.0V, FB2 = 0V,
8V < VDD< 26V
-1.0
1.0
µA
Input Bias Current, FB2
REFIN = 0.5V, FB2 = 2.0V, FB1 = 0V,
8V < VDD< 26V
-1.0
1.0
µA
DIFFERENTIAL CURRENT SENSE (CS+, CS-)
IOUT Amplifier Gain
CS- = 0V, CS+ = 0.1V, 0.3V,
8V < VDD< 26V
2.910
2.970
3.030
V/V
Common Mode (CM) Input Range
8V < VDD< 26V
-0.30
0.50
V
Differential Input Range
8V < VDD< 26V
01.5
V
Offset Voltage (VOS)
8V < VDD< 26V
-36
48
mV
GBWP
(Note 8)
8
MHz
Slew Rate
(Note 8)
45
V/µs
Input Bias Current
CS- = 0V, 1.0V
CS+ = 1.0V, 1.5V
8V < VDD< 26V
-1.0
1.0
µA
IOUT High Level Output Voltage (VOH)
VIOUT at 0µA - VIOUT at -100µA,
8V < VDD < 26V
0.1
V
IOUT Low Level Output Voltage (VOL)
VIOUT at 100µA, 8V < VDD< 26V
0.1
V
AC DETECTOR
Input Bias Current
8V < VDD< 26
-50
50
nA
Detection Threshold, Falling
ACPEAK = 100mV, 8V < VDD< 26V
4.5
20
40.5
mV
Detection Threshold Hysteresis
8V < VDD< 26V
6
mV
Input Operating Range
8V < VDD< 26V
04.00
V
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to the Block Diagram on page 4 and
Typical Application schematics starting on page 5. VDD = 17V, RRAMP = 54kΩ, CRAMP = 470pF, TA = -40°C to +125°C, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS


同様の部品番号 - ISL1902

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
ISL1902FAZ RENESAS-ISL1902FAZ Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

同様の説明 - ISL1902

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com